Electronic Components Datasheet Search
  English  ▼

X  

LM6311 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM6311
Description  Low Noise High Speed Voltage Feedback Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM6311 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM6311 Datasheet HTML 8Page - Texas Instruments LM6311 Datasheet HTML 9Page - Texas Instruments LM6311 Datasheet HTML 10Page - Texas Instruments LM6311 Datasheet HTML 11Page - Texas Instruments LM6311 Datasheet HTML 12Page - Texas Instruments LM6311 Datasheet HTML 13Page - Texas Instruments LM6311 Datasheet HTML 14Page - Texas Instruments LM6311 Datasheet HTML 15Page - Texas Instruments LM6311 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Information (Continued)
If the load is too heavy (too low a resistance) for the output
swing or the output tries to go too close to either Va or Vb
power supply rail the output will ‘‘foldback’’ as shown in
Figure 4 This will distort the output signal This should be
avoided There are many ways to avoid this such as limiting
the input signal lowering the gain of the amplifier or using a
lighter (higher resistance) load
For designs which require low distortion it is recommended
to keep the output of the amplifier more than 300 mV away
from the levels where visible distortion can be seen on an
oscilloscope For designs with wide temperature ranges
which have low distortion requirements additional margin
may be required which should be determined expermental-
ly See
Figure 5 Figure 5 was recorded when visible distor-
tion was just visible
External Compensation Capacitor
An external compensation capacitor of 27 pF is recom-
mended for use with the LM6311 The capacitor should be
connected between pin 5 and ground and should be placed
close to the LM6311 This capacitor increases the phase
margin of the LM6311 allowing it to be used in low gain
circuits such as AV ea1
A lower value of compensation capacitor (such as 10 pF)
will increase bandwidth at the expense of phase margin
This will result in more peaking and ringing with low gain
circuits (AV less than 5)
A lower value of compensation capacitor can be useful for
single supply (a5V only) circuits
Designer should avoid very low values of compensation ca-
pacitors in low gain circuits since this will reduce phase mar-
gin and may cause some circuits to oscillate
Reflections
The output slew rate of the LM6311 is fast enough to pro-
duce reflected signals in many cables and long circuit
traces For best pulse performance it may be necessary
to terminate cables and long circuit traces with their charac-
teristic impedance to reduce reflected signals
Reflections should not be confused with overshoot Reflec-
tions will depend on cable length while overshoot will de-
pend on load and feedback resistance and capacitance
When determining the type of problem often removing or
drastically shortening the cable will reduce or eliminate re-
flections Overshoot can exist without a cable attached to
the op amp output
Other High Speed and Video Amplifiers
National Semiconductor has an extensive line of high speed
amplifiers with a range of operating voltage from 3V single
supply to g15V and a range of package types such as the
space saving SOT23-5 TinyPaKTM (305 mm x 300 mm x
143 mmabout the size of a grain of rice) and a wide S0-8
for better power dissipation
This op amp line includes
LM6171
100 MHz Low Distortion Amplifier with l
3000 V ms slew rate Voltage Feedback design
draws only 25 mA Specified at g15V and g5V
supplies
LM7131
TinyPaK (SOT23-5) Video amplifier with 70 MHz
gain bandwidth Specified at 3V 5V and g5V
supplies
LM7171
200 MHz Voltage Feedback amplifier with 100
mA output current and 4000V ms slew rate Sup-
ply current of 65 mA Specified at g15V and
g
5V
Information on these parts is available from your National
Semiconductor representative
SPICE Macromodel
A SPICE macromodel of the LM6311 and many other Na-
tional Semiconductor op amps is available at no charge
from your National Semiconductor representative
http
www nationalcom
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com