Electronic Components Datasheet Search
  English  ▼

X  

SM320C50 Datasheet(PDF) 21 Page - Texas Instruments

Part # SM320C50
Description  DIGITAL SIGNAL PROCESSOR
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C50 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SM320C50 Datasheet HTML 17Page - Texas Instruments SM320C50 Datasheet HTML 18Page - Texas Instruments SM320C50 Datasheet HTML 19Page - Texas Instruments SM320C50 Datasheet HTML 20Page - Texas Instruments SM320C50 Datasheet HTML 21Page - Texas Instruments SM320C50 Datasheet HTML 22Page - Texas Instruments SM320C50 Datasheet HTML 23Page - Texas Instruments SM320C50 Datasheet HTML 24Page - Texas Instruments SM320C50 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
SMJ320C50/SMQ320C50
DIGITAL SIGNAL PROCESSOR
SGUS020B -- JUNE 1996 -- REVISED SEPTEMBER 2001
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
EXTERNAL DMA TIMING
switching characteristics over recommended operating conditions [H = 0.5tc(CO)] (see Note 3)
PARAMETER
MIN
MAX
UNIT
td(HOL-HAL)
Delay time, HOLD low to HOLDA low
4H
†
ns
td(HOH-HAH)
Delay time, HOLD high before HOLDA high
2H
ns
tdis(AZ-HAL)
Disable time, address in the high-impedance state before HOLDA low
H--15‡*
ns
ten(HAH-Ad)
Enable time, HOLDA high to address driven
H--5*
ns
td(XBL-IQL)
Delay time, XBR low to IAQ low
4H*
6H*
ns
td(XBH-IQH)
Delay time, XBR high to IAQ high
2H*
4H*
ns
td(XSL-RDV)
Delay time, read data valid after XSTRB low
40
ns
th(XSH-RD)
Hold time, read data after XSTRB high
0
ns
ten(IQL-RDd)
Enable time, IAQ low to read data driven
0*§
2H*
ns
tdis(W)
Disable time, XR/W low to data in the high-impedance state
0*
15*
ns
tdis(I-D)
Disable time, IAQ high to data in the high-impedance state
H*
ns
ten(D-XRH)
Enable time, data from XR/W going high
4*
ns
† HOLD is not acknowledged until current external access request is complete.
‡ This parameter includes all memory control lines.
§ This parameter refers to the delay between the time the condition (IAQ = 0 and XR/W = 1) is satisfied and the time that the SMJ320C50x data
lines become valid.
* This parameter is not production tested.
NOTE 3: X preceding a name refers to the external drive of the signal.
timing requirements
MIN
MAX
UNIT
td(HAL-XBL)
Delay time, HOLDA low to XBR low
0
ns
td(IQL-XSL)
Delay time, IAQ low to XSTRB low
0
ns
tsu(AV-XSL)
Setup time, Xaddress valid before XSTRB low
15
ns
tsu(DV-XSL)
Setup time, Xdata valid before XSTRB low
15
ns
th(XSL-D)
Hold time, Xdata hold after XSTRB low
15
ns
th(XSL-WA)
Hold time, write Xaddress hold after XSTRB low
15
ns
tw(XSL)
Pulse duration, XSTRB low
45
ns
tw(XSH)
Pulse duration, XSTRB high
45
ns
tsu(RW-XSL)
Setup time, R/W valid before XSTRB low
20
ns
th(XSH-RA)
Hold time, read Xaddress after XSTRB high
0
ns
XBR,XR/W, and XSTRB lines should be pulled up with a 10-kΩ resistor to assure that they are in an inactive (high) state during the transition
period between the SMJ320C50x driving them and the external circuit driving them.
NOTE 3. X preceding a name refers to the external drive of the signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com