Electronic Components Datasheet Search
  English  ▼

X  

SM320C50 Datasheet(PDF) 13 Page - Texas Instruments

Part # SM320C50
Description  DIGITAL SIGNAL PROCESSOR
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C50 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SM320C50 Datasheet HTML 9Page - Texas Instruments SM320C50 Datasheet HTML 10Page - Texas Instruments SM320C50 Datasheet HTML 11Page - Texas Instruments SM320C50 Datasheet HTML 12Page - Texas Instruments SM320C50 Datasheet HTML 13Page - Texas Instruments SM320C50 Datasheet HTML 14Page - Texas Instruments SM320C50 Datasheet HTML 15Page - Texas Instruments SM320C50 Datasheet HTML 16Page - Texas Instruments SM320C50 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
SMJ320C50/SMQ320C50
DIGITAL SIGNAL PROCESSOR
SGUS020B -- JUNE 1996 -- REVISED SEPTEMBER 2001
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
external divide-by-two clock option
An external frequency source can be used by injecting the frequency directly into X2/CLKIN with X1 left
unconnected, CLKMD1 set high, and CLKMD2 set high. The external frequency is divided by two to generate
the internal machine cycle. The external frequency injected must conform to specifications listed in the timing
requirements table.
switching characteristics over recommended operating conditions [H = 0.5 tc(CO)]
PARAMETER
’320C50-50
’320C50-66
UNIT
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tc(CO)
Cycle time, CLKOUT1
40
2tc(CI)
†
30
2tc(CI)
†
ns
td(CIH-COH/L)
Delay time, X2/CLKIN high to CLKOUT1 high/low
3
11
20
3
11
20
ns
tf(CO)
Fall time, CLKOUT1
5
5
ns
tr(CO)
Rise time, CLKOUT1
5
5
ns
tw(COL)
Pulse duration, CLKOUT1 low
H-- 3
H
H+2
H-- 3
H
H+2
ns
tw(COH)
Pulse duration, CLKOUT1 high
H-- 3
H
H+2
H-- 3
H
H+2
ns
† This device uses a fully static design and, therefore, can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz, but is tested at a minimum of 6.7 MHz to meet device test time requirements.
timing requirements
’320C50-50
’320C50-66
UNIT
MIN
MAX
MIN
MAX
UNIT
tc(CI)
Cycle time, X2/CLKIN
20
†
15
†
ns
tf(CI)
Fall time, X2/CLKIN
5*
5*
ns
tr(CI)
Rise time, X2/CLKIN
5*
5*
ns
tw(CIL)
Pulse duration, X2/CLKIN low
8
†
7
†
ns
tw(CIH)
Pulse duration, X2/CLKIN high
8
†
7
†
ns
† This device uses a fully static design and, therefore, can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz, but is tested at a minimum of 6.7 MHz to meet device test time requirements.
* This parameter is not production tested.
tr(CO)
tf(CO)
tw(COH)
CLKOUT1
CLKIN
tw(COL)
td(CIH-COH/L)
tf(CI)
tr(CI)
tw(CIL)
tw(CIH)
tc(CO)
tc(CI)
Figure 5. External Divide-by-Two Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com