Electronic Components Datasheet Search
  English  ▼

X  

MCP7952X Datasheet(PDF) 18 Page - Micro Analog systems

Part # MCP7952X
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP7952X Datasheet(HTML) 18 Page - Micro Analog systems

Back Button MCP7952X Datasheet HTML 14Page - Micro Analog systems MCP7952X Datasheet HTML 15Page - Micro Analog systems MCP7952X Datasheet HTML 16Page - Micro Analog systems MCP7952X Datasheet HTML 17Page - Micro Analog systems MCP7952X Datasheet HTML 18Page - Micro Analog systems MCP7952X Datasheet HTML 19Page - Micro Analog systems MCP7952X Datasheet HTML 20Page - Micro Analog systems MCP7952X Datasheet HTML 21Page - Micro Analog systems MCP7952X Datasheet HTML 22Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
MCP7952X/MCP7951X
DS22300A-page 18
Preliminary
 2012 Microchip Technology Inc.
REGISTER 6-6:
MONTH 0X11
U-0
U-0
U-0
R/W
R/W
—
—
—
10 Month
Month
bit 7
bit 6
bit 5
bit 4
bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7-5
Unimplemented: Read as ‘0’
bit 4
10 MONTH
bit 3-0
MONTH<3:0>
Note 1:
Month match is only available on Alarm 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com