Electronic Components Datasheet Search
  English  ▼

X  

MCP7952X Datasheet(PDF) 32 Page - Micro Analog systems

Part # MCP7952X
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP7952X Datasheet(HTML) 32 Page - Micro Analog systems

Back Button MCP7952X Datasheet HTML 28Page - Micro Analog systems MCP7952X Datasheet HTML 29Page - Micro Analog systems MCP7952X Datasheet HTML 30Page - Micro Analog systems MCP7952X Datasheet HTML 31Page - Micro Analog systems MCP7952X Datasheet HTML 32Page - Micro Analog systems MCP7952X Datasheet HTML 33Page - Micro Analog systems MCP7952X Datasheet HTML 34Page - Micro Analog systems MCP7952X Datasheet HTML 35Page - Micro Analog systems MCP7952X Datasheet HTML 36Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
MCP7952X/MCP7951X
DS22300A-page 32
Preliminary
 2012 Microchip Technology Inc.
9.1.7
WRITE STATUS REGISTER
(SRWRITE)
The Write Status Register (SRWRITE) instruction
allows the user to select one of four levels of protec-
tion for the array by writing to the appropriate bits in
the STATUS register. The array is divided up into four
segments. The user has the ability to write-protect
none, one, two, or all four of the segments of the array.
The partitioning is controlled as shown in Table 9-2.
See Figure 9-6 for the SRWRITE timing sequence.
TABLE 9-2:
ARRAY PROTECTION
FIGURE 9-6:
WRITE STATUS REGISTER TIMING SEQUENCE
BP1
BP0
Array Addresses
Write-Protected
(2 kbit shown)
00
none
01
upper 1/4
(C0h-FFh)
10
upper 1/2
(80h-FFh)
11
all
(00h-FFh)
SO
SI
CS
9
1011
12
131415
01
0
0
0
0
00
76
5
4
21
0
Instruction
Data to STATUS Register
High-Impedance
SCK
0
23456
7
1
8
3
TWC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com