Electronic Components Datasheet Search
  English  ▼

X  

MCP7952X Datasheet(PDF) 22 Page - Micro Analog systems

Part # MCP7952X
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP7952X Datasheet(HTML) 22 Page - Micro Analog systems

Back Button MCP7952X Datasheet HTML 18Page - Micro Analog systems MCP7952X Datasheet HTML 19Page - Micro Analog systems MCP7952X Datasheet HTML 20Page - Micro Analog systems MCP7952X Datasheet HTML 21Page - Micro Analog systems MCP7952X Datasheet HTML 22Page - Micro Analog systems MCP7952X Datasheet HTML 23Page - Micro Analog systems MCP7952X Datasheet HTML 24Page - Micro Analog systems MCP7952X Datasheet HTML 25Page - Micro Analog systems MCP7952X Datasheet HTML 26Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
MCP7952X/MCP7951X
DS22300A-page 22
Preliminary
 2012 Microchip Technology Inc.
8.0
POWER-DOWN TIME-STAMP REGISTERS
Note:
It is strongly recommended that the timesaver function only be used when the oscillator is running. This
will ensure accurate functionality.
REGISTER 8-1:
MINUTES 0X18
U-0
R/W
R/W
—
10 Minutes
Minutes
bit 7
bit 6
bit 4 bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7
Unimplemented: Read as ‘0’
bit 6-4
10MINUTES<2:0>: 10 Minutes
bit 3-0
MINUTES<3:0>: Minutes
REGISTER 8-2:
HOURS 0X19
U-0
R/W
R/W
—
12/24
10 Hour
AM/PM
10 Hour
Hour
bit 7
bit 6
bit 5
bit 4 bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7
Unimplemented: Read as ‘0’
bit 6
12/24: This is a copy of the status of the bit in register 0x03:6 at the time of the event
bit 5
10 HOUR AM/PM
bit 4
10 HOUR
bit 3-0
HOUR<3:0>
REGISTER 8-3:
DATE 0X1A
U-0
U-0
R/W
R/W
—
—
10 Date
Date
bit 7
bit 6
bit 5
bit 4
bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
10 DATE<1:0>
bit 3-0
DATE<3:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com