Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54821
Description  4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54821 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 16Page - Texas Instruments TPS54821 Datasheet HTML 17Page - Texas Instruments TPS54821 Datasheet HTML 18Page - Texas Instruments TPS54821 Datasheet HTML 19Page - Texas Instruments TPS54821 Datasheet HTML 20Page - Texas Instruments TPS54821 Datasheet HTML 21Page - Texas Instruments TPS54821 Datasheet HTML 22Page - Texas Instruments TPS54821 Datasheet HTML 23Page - Texas Instruments TPS54821 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
VIN = 8 - 17 V
VOUT = 3.3 V, 8 A
R7
10.0k
C7
47uF
C3
0.1uF
R6
0
R8
2.21k
R5
4.64k
C4
3900pF
C5
39pF
C1
10uF
R1
35.7k
R2
8.06k
R3
100k
1
RT/CLK
2
GND
3
GND
4
PVIN
5
PVIN
6
VIN
7
V_SNS
8
COMP
9
SS/TR
10
EN
11
PH
12
PH
13
BOOT
14
PWRGD
15
PWPD
U1
TPS54821RHL
C2
4.7uF
C6
0.022uf
C9
470pF
L1 3.3 uH
C8
47uF
R4
100k
EN
V_SNS
V_SNS
EN
PULL UP VOLTAGE
PWRGD
VIN
VOUT
TPS54821
SLVSB14
– OCTOBER 2011
www.ti.com
APPLICATION INFORMATION
Design Guide
– Step-By-Step Design Procedure
This example details the design of a high frequency switching regulator design using ceramic output capacitors.
A few parameters must be known in order to start the design process. These parameters are typically determined
at the system level. For this example, start with the following known parameters:
Table 1.
Parameter
Value
Output Voltage
3.3 V
Output Current
8 A
Transient Response 4 A load step
ΔVout = 7 %
Input Voltage
12 V nominal, 8 V to 17 V
Output Voltage Ripple
33 mV p-p
Start Input Voltage (Rising Vin)
6.528 V
Stop Input Voltage (Falling Vin)
6.193 V
Switching Frequency
480 kHz
Typical Application Schematic
The application schematic of Figure 29 was developed to meet the requirements above. This circuit is available
as the TPS54821EVM-049 evaluation module. The design procedure is given in this section. For more
information about Type II and Type III frequency compensation circuits, see Designing Type III Compensation for
Current Mode Step-Down Converters (SLVA352) and Design Calculator (SLVC219).
Figure 29. Typical Application Circuit
Operating Frequency
The first step is to decide on a switching frequency for the regulator. There is a trade off between higher and
20
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS54821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com