Electronic Components Datasheet Search
  English  ▼

X  

TPS54821 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54821
Description  4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54821 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 23Page - Texas Instruments TPS54821 Datasheet HTML 24Page - Texas Instruments TPS54821 Datasheet HTML 25Page - Texas Instruments TPS54821 Datasheet HTML 26Page - Texas Instruments TPS54821 Datasheet HTML 27Page - Texas Instruments TPS54821 Datasheet HTML 28Page - Texas Instruments TPS54821 Datasheet HTML 29Page - Texas Instruments TPS54821 Datasheet HTML 30Page - Texas Instruments TPS54821 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
TrackInVoltage-V
0.00001
0.0001
0.001
0.01
0.1
1
10
Vout
IdealVsense
Vsense
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8
Output Current (A)
VIN = 12 V
G003
V
=12V,
V
=3.3V,
Fsw=480kHz,
roomtemp,noairflow
IN
OUT
25
50
75
100
125
150
0
1
2
3
4
5
6
LoadCurrent- A
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
Output Current (A)
VIN = 8 V
VIN = 12 V
VIN = 17 V
G001
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Output Current (A)
VIN = 8 V
VIN = 12 V
VIN = 17 V
G002
V
= 2 V/div
OUT
I
= 10 A/div
OUT
Time = 20 ms/div
PH = 10 V/div
TPS54821
www.ti.com
SLVSB14
– OCTOBER 2011
LOAD REGULATION
TRACKING PERFORMANCE
Figure 39.
Figure 40.
MAXIMUM AMBIENT TEMPERATURE
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 41.
Figure 42.
EFFICIENCY
vs
OUTPUT CURRENT
TPS54821 Hiccup Mode Current Limit
Figure 43.
Figure 44.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s) :TPS54821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com