Electronic Components Datasheet Search
  English  ▼

X  

AAA Datasheet(PDF) 5 Page - Silicon Laboratories

Part # AAA
Description  Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AAA Datasheet(HTML) 5 Page - Silicon Laboratories

  AAA Datasheet HTML 1Page - Silicon Laboratories AAA Datasheet HTML 2Page - Silicon Laboratories AAA Datasheet HTML 3Page - Silicon Laboratories AAA Datasheet HTML 4Page - Silicon Laboratories AAA Datasheet HTML 5Page - Silicon Laboratories AAA Datasheet HTML 6Page - Silicon Laboratories AAA Datasheet HTML 7Page - Silicon Laboratories AAA Datasheet HTML 8Page - Silicon Laboratories AAA Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Si4455-2Wa yLink-DEMO
Rev. 0.1
5
2.3.4. Custom Parameters
As it was stated above user can store custom RF parameters into the devices with WDS. One custom field is
available in each node. If any of the three RF parameters (frequency, modulation, data rate) is set to custom both
the other parameters are configured to be custom as well.
Notes:
The firmware drops an error message and continues with default parameters if no custom field is stored,
but custom parameter is selected.
The firmware goes to error state if the frequency band of the custom settings mismatches with the
frequency band of the device.
2.3.5. Default Demo Settings
The default demo settings are as follows:
Frequency band: defined by the HW
Frequency number:

Middle band: 1

High band—868 MHz: 2

High band—915 MHz: 4
Node address: 5
Modulation: High precision GFSK
Data rate number: 1 (FSK: 9.6 kbps, OOK: 2.4 kbps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com