Electronic Components Datasheet Search
  English  ▼

X  

AAA Datasheet(PDF) 10 Page - Silicon Laboratories

Part # AAA
Description  Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AAA Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button AAA Datasheet HTML 6Page - Silicon Laboratories AAA Datasheet HTML 7Page - Silicon Laboratories AAA Datasheet HTML 8Page - Silicon Laboratories AAA Datasheet HTML 9Page - Silicon Laboratories AAA Datasheet HTML 10Page - Silicon Laboratories AAA Datasheet HTML 11Page - Silicon Laboratories AAA Datasheet HTML 12Page - Silicon Laboratories AAA Datasheet HTML 13Page - Silicon Laboratories AAA Datasheet HTML 14Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Si4455-2WayLink-DEMO
10
Rev. 0.1
2.4.1.8. Modulation Configuration Menu
The user can set the modulation in this menu state.
State Display:
LED4 blinks
Set the Configuration:
Set one of the followings on the switches:

Custom: SW1–SW4 are on

High precision GFSK: SW1 is on, all others are off

GFSK: SW2 is on, all others are off

OOK: SW3 is on, all others are off
If the wrong selection is set or the selected data rate number is not supported (e.g., no custom data rate is
stored), the default data rate (high precision GFSK) will be selected.
Options:
PB4:

Stores new settings

Results:
i. Blinks all LEDs once if selection is OK.
ii. Blinks LED4 and beeps buzzer once if parameter had to be set to default because of an
unsupported selection.

Next state: Ready state
2.4.1.9. Restore Defaults Menu
Default demo settings are restored.
State display:

All LEDs blink once
Next state:

Ready state
2.4.1.10. Error States
In case of critical error the demo goes to error state. Power-on-reset can reset the demo from error state. LED4 is
continuously on in error state.
Critical errors:
Frequency band of the HW mismatches with frequency band of the stored custom parameters.
2.5. How to Use the Range Test Demo
Put battery into the two RFstick devices and switch them on. Both devices will start in ready state. Select the
required demo settings or start the measurements with the default or the automatically reloaded settings.
Switch one of the devices into RX and the other into TX state. Check if transmitter sends packets and receiver
answers as well.
The range test could be performed inside a building if indoor propagation is tested. However it is advised to
perform the test outside the building, line-of-sight to get the best possible range result. If PER>1% reset the PER
on the transmitter and try to walk further in the area. It is usual that propagation conditions get better if the user
goes further from a possibly shadowed area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com