Electronic Components Datasheet Search
  English  ▼

X  

AAA Datasheet(PDF) 4 Page - Silicon Laboratories

Part # AAA
Description  Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AAA Datasheet(HTML) 4 Page - Silicon Laboratories

  AAA Datasheet HTML 1Page - Silicon Laboratories AAA Datasheet HTML 2Page - Silicon Laboratories AAA Datasheet HTML 3Page - Silicon Laboratories AAA Datasheet HTML 4Page - Silicon Laboratories AAA Datasheet HTML 5Page - Silicon Laboratories AAA Datasheet HTML 6Page - Silicon Laboratories AAA Datasheet HTML 7Page - Silicon Laboratories AAA Datasheet HTML 8Page - Silicon Laboratories AAA Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Si4455-2WayLink-DEMO
4
Rev. 0.1
2.3. Frequency and Frequency Bands
The RFstick provides RF matching solutions for all supported frequency bands. Different HW solutions are required
for each frequency bands. Range test demo automatically reads required frequency band information from the on
board EEPROM and selects the appropriate frequency range.
Silicon Labs provides Si4455 Two Way Demo Link Kits for the following frequency bands:
Middle band: 425–525 MHz
High band: 850–960 MHz
Range test demo provides four different selectable frequencies in all the supported bands. In case of custom
parameters are stored the custom frequency can also be selected, but only in the defined frequency band. Table 2
lists the available frequencies.
2.3.1. Node Address
Each node using the range test demo can select from 16 different addresses (0-15). Transmitter and receiver of the
same link have to use the same addresses. It is advised to use only one link (one transmitter and one receiver)
with the same address within close proximity, otherwise the different systems will disturb each other.
2.3.2. Modulation
User can select from three types of modulation:
GFSK with high precision TX crystal (TX: 30 ppm, RX: 30 ppm)
GFSK (TX: 150 ppm, RX: 30 ppm)
OOK
2.3.3. Data Rate
User can select from three different data rates. In case of custom settings are stored the custom data rate can also
be selected. Table 3 lists the available data rates.
Table 2. Available Frequencies
Freq. band
Middle
High
0
Custom
Custom
1
433.92 MHz
867.84 MHz
2
434.15 MHz
868.30 MHz
3
458.50 MHz
917.00 MHz
4
475.00 MHz
950.00 MHz
Table 3. Available Data Rates
Modulation
GFSK
(both types)
OOK
0
Custom
Custom
1
9.6 kbps
2.4 kbps
2
38.4 kbps
9.6 kbps
3
128.0 kbps
20.0 kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com