Electronic Components Datasheet Search
  English  ▼

X  

VSP01M02 Datasheet(PDF) 79 Page - Texas Instruments

Part # VSP01M02
Description  CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP01M02 Datasheet(HTML) 79 Page - Texas Instruments

Back Button VSP01M02 Datasheet HTML 75Page - Texas Instruments VSP01M02 Datasheet HTML 76Page - Texas Instruments VSP01M02 Datasheet HTML 77Page - Texas Instruments VSP01M02 Datasheet HTML 78Page - Texas Instruments VSP01M02 Datasheet HTML 79Page - Texas Instruments VSP01M02 Datasheet HTML 80Page - Texas Instruments VSP01M02 Datasheet HTML 81Page - Texas Instruments VSP01M02 Datasheet HTML 82Page - Texas Instruments VSP01M02 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 91 page
background image
VSP01M01
VSP01M02
www.ti.com .................................................................................................................................................................................................. SBES016 – MARCH 2009
Detailed TG Section (continued)
ADDRESS
PARAMETER
DESCRIPTION
UPDATE
SECTION
DEC
HEX
BITS
PARAMETER
# OF BITS
DESCRIPTION
VALUE
METHOD
[0]
V0N
1
[1]
V1N
1
[2]
V2N
1
41
29
[3]
V3N
1
[4]
V4N
1
[5]
V5N
1
[0]
V6N
1
[1]
V7N
1
[2]
V8N
1
42
2A
[3]
V9N
1
[4]
V10N
1
0 = Low
[5]
V11N
1
Pin initialization polarity
1 = High (default)
[0]
V12N
1
[1]
—
1
[2]
—
1
43
2B
[3]
P0
1
[4]
P1
1
VA
[5]
P2
1
Pin
initializatio
[0]
P3
1
initialization
n
instruction
[1]
P4
1
[2]
P5
1
44
2C
[3]
—
1
[4]
—
1
[5]
CLPDM
1
[0]
CLPOB
1
[1]
PBLK
1
[2]
HBLK
1
0 = Low (default)
45
2D
Pin initialization polarity
1 = High
[3]
HDIV
1
[4]
VD
1
[5]
HD
1
[0]
Field
1
0 = Low
[1]
SUBN
1
Pin initialization polarity
1 = High (default)
[2]
Strobe
1
46
2E
[3]
MSHUT
1
0 = Low (default)
Pin initialization polarity
1 = High
[4]
SUBSW1
1
[5]
SUBSW2
1
HD-VD delay for ODD
0-7 pixel delay
[2:0]
ODD HD-VD
3
detection
Default = 001b
ODD range
47
2F
Real time
VD-HD delay for ODD
0-8 pixel delay
[5:3]
ODD VD-HD
3
detection
Default = 001b
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
79
Product Folder Link(s): VSP01M01 VSP01M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com