Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 12 Page - Texas Instruments

Part # STD
Description  Using the TPS51916EVM-746 Complete DDR2, DDR3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 12 Page - Texas Instruments

Back Button STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments STD Datasheet HTML 10Page - Texas Instruments STD Datasheet HTML 11Page - Texas Instruments STD Datasheet HTML 12Page - Texas Instruments STD Datasheet HTML 13Page - Texas Instruments STD Datasheet HTML 14Page - Texas Instruments STD Datasheet HTML 15Page - Texas Instruments STD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
0.5
1
1.5
2
VTT - Load Current - A
VTT Dropout Voltage
TPS1916EVM
S5 Enable Shut Down
Test comdition: 12 VIN, 1.5VDDQ/10 A
IVTT = 0 A, VTTREF = 0 A
CH1:S5
CH2: VTTREF
CH3: VDDQ
CH4: PGOOD
TPS1916EVM
S5 Enable Start up
Test comdition: 12 VIN, 1.5VDDQ/10 A
IVTT = 0 A, VTTREF = 0 A
CH1:S5
CH2: VTTREF
CH3: VDDQ
CH4: PGOOD
Performance Data and Typical Characteristic Curves
www.ti.com
7.6
DDR3 VTT Dropout Voltage
Figure 9. DDR3 VTT Dropout Voltage
7.7
DDR3 S5 Enable Turnon/Turnoff
Figure 10. DDR3 S5 Enable Turnon
Figure 11. DDR3 S5 Enable Turnoff
12
Using the TPS51916EVM-746 Complete DDR2, DDR3, DDR3L, and DDR4
SLUU526
– August 2011
Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com