Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 14 Page - Texas Instruments

Part # STD
Description  Using the TPS51916EVM-746 Complete DDR2, DDR3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 14 Page - Texas Instruments

Back Button STD Datasheet HTML 10Page - Texas Instruments STD Datasheet HTML 11Page - Texas Instruments STD Datasheet HTML 12Page - Texas Instruments STD Datasheet HTML 13Page - Texas Instruments STD Datasheet HTML 14Page - Texas Instruments STD Datasheet HTML 15Page - Texas Instruments STD Datasheet HTML 16Page - Texas Instruments STD Datasheet HTML 17Page - Texas Instruments STD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
CH2: 1.5 VDDQ Output Ripple
Test comdition: 12 VIN, 1.5VDDQ/20 A
IVTT = 0 A, IVTTREF = 0 A
TPS1916EVM
VDDQ Ripple
CH1:SW
Test condition: 12 VIN, 1.5VDDQ/20 A
IVTT = 0 A, IVTTREF = 0 A
TPS1916EVM
Switching Node
Performance Data and Typical Characteristic Curves
www.ti.com
7.10 DDR3 VDDQ Output Ripple
Figure 15. DDR3 VDDQ Output Ripple
7.11 DDR3 VDDQ Switching Node
Figure 16. DDR3 VDDQ Switching Node
14
Using the TPS51916EVM-746 Complete DDR2, DDR3, DDR3L, and DDR4
SLUU526
– August 2011
Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com