Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 13 Page - Texas Instruments

Part # STD
Description  Using the TPS51916EVM-746 Complete DDR2, DDR3
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 13 Page - Texas Instruments

Back Button STD Datasheet HTML 9Page - Texas Instruments STD Datasheet HTML 10Page - Texas Instruments STD Datasheet HTML 11Page - Texas Instruments STD Datasheet HTML 12Page - Texas Instruments STD Datasheet HTML 13Page - Texas Instruments STD Datasheet HTML 14Page - Texas Instruments STD Datasheet HTML 15Page - Texas Instruments STD Datasheet HTML 16Page - Texas Instruments STD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Test comdition: 12 VIN, 1.5VDDQ/10 A
IVTT = 0 A, VTTREF = 0 A
CH1:S5
TPS1916EVM
S5 Enable 1VDDQ Pre-bias Start up
CH2: VTTREF
CH3: VDDQ
CH4: PGOOD
CH1:S3
CH2: VTT
Test comdition: 12 VIN, 1.5VDDQ/10 A
0.75 VTT/2 A, VTTREF = 0 A
TPS1916EVM
S3 Enable Shut down
TPS1916EVM
S3 Enable Start up
Test comdition: 12 VIN, 1.5VDDQ/10 A
0.75 VTT/2 A, VTTREF = 0 A
CH1:S3
CH2: VTT
www.ti.com
Performance Data and Typical Characteristic Curves
7.8
S5 Enable Turnon with 1-V Prebias at VDDQ
Figure 12. DDR3 S5 Enable Turnon With 1-V Prebias at VDDQ
7.9
DDR3 S3 Enable Turnon/ Turnoff (S5 is ON)
Figure 13. DDR3 S3 Enable Turnon
Figure 14. DDR3 S3 Enable Turnoff
13
SLUU526
– August 2011
Using the TPS51916EVM-746 Complete DDR2, DDR3, DDR3L, and DDR4
Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com