Electronic Components Datasheet Search
  English  ▼

X  

MFRC63002R Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 15Page - NXP Semiconductors MFRC63002R Datasheet HTML 16Page - NXP Semiconductors MFRC63002R Datasheet HTML 17Page - NXP Semiconductors MFRC63002R Datasheet HTML 18Page - NXP Semiconductors MFRC63002R Datasheet HTML 19Page - NXP Semiconductors MFRC63002R Datasheet HTML 20Page - NXP Semiconductors MFRC63002R Datasheet HTML 21Page - NXP Semiconductors MFRC63002R Datasheet HTML 22Page - NXP Semiconductors MFRC63002R Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
19 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
8.4.4.3
I2C START and STOP conditions
To handle the data transfer on the I2C-bus, unique START (S) and STOP (P) conditions
are defined.
A START condition is defined with a HIGH-to-LOW transition on the SDA line while SCL is
HIGH.
A STOP condition is defined with a LOW-to-HIGH transition on the SDA line while SCL is
HIGH.
The master always generates the START and STOP conditions. The bus is considered to
be busy after the START condition. The bus is considered to be free again a certain time
after the STOP condition.
The bus stays busy if a repeated START (Sr) is generated instead of a STOP condition. In
this respect, the START (S) and repeated START (Sr) conditions are functionally identical.
Therefore, the S symbol will be used as a generic term to represent both the START and
repeated START (Sr) conditions.
8.4.4.4
I2C byte format
Each byte has to be followed by an acknowledge bit. Data is transferred with the MSB
first, see Figure 13 “START and STOP conditions”. The number of transmitted bytes
during one data transfer is unrestricted but shall fulfil the read/write cycle format.
Fig 12. Bit transfer on the I2C-bus.
001aam300
data line stable;
data valid
change
of data
allowed
SDA
SCL
Fig 13. START and STOP conditions
001aam301
START condition
S
SCL
SDA
SCL
SDA
STOP condition
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com