Electronic Components Datasheet Search
  English  ▼

X  

MFRC63002R Datasheet(PDF) 88 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 84Page - NXP Semiconductors MFRC63002R Datasheet HTML 85Page - NXP Semiconductors MFRC63002R Datasheet HTML 86Page - NXP Semiconductors MFRC63002R Datasheet HTML 87Page - NXP Semiconductors MFRC63002R Datasheet HTML 88Page - NXP Semiconductors MFRC63002R Datasheet HTML 89Page - NXP Semiconductors MFRC63002R Datasheet HTML 90Page - NXP Semiconductors MFRC63002R Datasheet HTML 91Page - NXP Semiconductors MFRC63002R Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
88 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
9.12.3 RxWait
Selects internal receiver settings.
9.12.4 RxThreshold
Selects minimum threshold level for the bit decoder.
5 to 4
RFU
-
3
EMD_Sup
Enables the EMD suppression according ISO/IEC14443. If an error
occurs within the first three bytes, these three bytes are assumed to be
EMD, ignored and the FIFO is reset. A collision is treated as an error
as well If a valid SOF was received, the EMD_Sup is set and a frame
of less than 3 bytes had been received. RX_IRq is not set in this EMD
error cases. If RxForceCRCWrite is set, the FIFO should not be read
out before three bytes are written into.
2 to 0
Baudrate
Defines the baud rate of the receiving signal.
4h: 106 kBd
5h: 212 kBd
6h: 424 kBd
7h: 847 kBd
all remaining values are RFU
Table 148. RxCtrl bits
Bit
Symbol
Description
Table 149. RxWait register (address 36h)
Bit
7
6
5
4
3
2
1
0
Symbol
RxWaitEtu
RxWait
Access
rights
r/w
r/w
Table 150. RxWait bits
Bit
Symbol
Description
7
RXWaitEtu
If set to 0, the RxWait time is RxWait
 16/13.56 MHz.
If set to 1, the RxWait time is RxWait
 (0.5/DBFreq).
6 to 0
RxWait
Defines the time after sending, where every input is ignored.
Table 151. RxThreshold register (address 37h)
Bit
7
6
5
4
3
2
1
0
Symbol
MinLevel
MinLevelP
Access
rights
r/w
r/w
Table 152. RxThreshold bits
Bit
Symbol
Description
7 to 4
MinLevel
Defines the MinLevel of the reception.
Note: The MinLevel should be higher than the noise level in the system.
3 to 0
MinLevelP
Defines the MinLevel of the phase shift detector unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com