Electronic Components Datasheet Search
  English  ▼

X  

MFRC63002R Datasheet(PDF) 98 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 94Page - NXP Semiconductors MFRC63002R Datasheet HTML 95Page - NXP Semiconductors MFRC63002R Datasheet HTML 96Page - NXP Semiconductors MFRC63002R Datasheet HTML 97Page - NXP Semiconductors MFRC63002R Datasheet HTML 98Page - NXP Semiconductors MFRC63002R Datasheet HTML 99Page - NXP Semiconductors MFRC63002R Datasheet HTML 100Page - NXP Semiconductors MFRC63002R Datasheet HTML 101Page - NXP Semiconductors MFRC63002R Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
98 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
10. Limiting values
11. Recommended operating conditions
[1]
VDD(PVDD) must always be the same or lower than VDD.
12. Thermal characteristics
13. Characteristics
Table 189. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
-0.5
+5.5
V
VDD(PVDD) PVDD supply voltage
0.5
+5.5
V
VDD(TVDD) TVDD supply voltage
0.5
+5.5
V
Vi(RXP)
input voltage on pin RXP
-0.5
+2.0
V
Vi(RXN)
input voltage on pin RXN
-0.5
+2.0
V
Ptot
total power dissipation
per package
-
1125
mW
VESD(HBM) electrostatic discharge voltage Human Body Model (HBM);
1500
, 100 pF;
JESD22-A114-B
-
2000
V
VESD(CDM) electrostatic discharge voltage Charge Device Model (CDM);
-
500
V
Tj(max)
maximum junction
temperature
-
150
°C
Table 190. Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3
5
5.5
V
VDD(TVDD)
TVDD supply voltage
[1] 355.5
V
VDD(PVDD)
PVDD supply voltage
3
5
5.5
V
Tamb
ambient temperature
25
-
+85
C
Table 191. Thermal characteristics
Symbol Parameter
Conditions
Package
Typ
Unit
Rth(j-a)
thermal resistance from junction to
ambient
in still air with exposed pin soldered on a
4 layer JEDEC PCB
HVQFN32
40
K/W
Table 192. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input characteristics I/O Pin Characteristics IF3-SDA in I2C configuration
ILI
input leakage current
output disabled
-
2
100
nA
VIL
LOW-level input voltage
0.5
-
+0.3VDD(PVDD)
V
VIH
HIGH-level input voltage
0.7VDD(PVDD)
-VDD(PVDD) + 0.5 V
VOL
LOW-level output voltage
IOL = 3 mA
-
-
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com