Electronic Components Datasheet Search
  English  ▼

X  

MFRC63002R Datasheet(PDF) 101 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 97Page - NXP Semiconductors MFRC63002R Datasheet HTML 98Page - NXP Semiconductors MFRC63002R Datasheet HTML 99Page - NXP Semiconductors MFRC63002R Datasheet HTML 100Page - NXP Semiconductors MFRC63002R Datasheet HTML 101Page - NXP Semiconductors MFRC63002R Datasheet HTML 102Page - NXP Semiconductors MFRC63002R Datasheet HTML 103Page - NXP Semiconductors MFRC63002R Datasheet HTML 104Page - NXP Semiconductors MFRC63002R Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
101 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
13.1 Timing characteristics
Remark: To send more bytes in one data stream the NSS signal must be LOW during the
send process. To send more than one data stream the NSS signal must be HIGH between
each data stream.
Fig 29. Pin RX input voltage
001aak012
VMID
0 V
Vmod
Vi(p-p)(max)
Vi(p-p)(min)
13.56 MHz
carrier
Table 193. SPI timing characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Unit
tSCKL
SCK LOW time
50
-
-
ns
tSCKH
SCK HIGH time
50
-
-
ns
th(SCKH-D)
SCK HIGH to data input hold
time
SCK to changing MOSI
25
-
-
ns
tsu(D-SCKH)
data input to SCK HIGH
set-up time
changing MOSI to SCK
25
-
-
ns
th(SCKL-Q)
SCK LOW to data output
hold time
SCK to changing MISO
-
-
25
ns
t(SCKL-NSSH) SCK LOW to NSS HIGH
time
0
--ns
tNSSH
NSS HIGH time
before communication
50
-
-
ns
Table 194. I2C-bus timing in fast mode and fast mode plus
Symbol Parameter
Conditions
Fast mode
Fast mode
Plus
Unit
Min
Max
Min
Max
fSCL
SCL clock frequency
0
400
0
1000 kHz
tHD;STA
hold time (repeated) START
condition
after this period,
the first clock pulse
is generated
600
-
260
-
ns
tSU;STA
set-up time for a repeated
START condition
600
-
260
-
ns
tSU;STO
set-up time for STOP condition
600
-
260
-
ns
tLOW
LOW period of the SCL clock
1300 -
500
-
ns
tHIGH
HIGH period of the SCL clock
600
-
260
-
ns
tHD;DAT
data hold time
0
900
-
450
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com