Electronic Components Datasheet Search
  English  ▼

X  

MFRC63002R Datasheet(PDF) 105 Page - NXP Semiconductors

Part # MFRC63002R
Description  Contactless reader IC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFRC63002R Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button MFRC63002R Datasheet HTML 101Page - NXP Semiconductors MFRC63002R Datasheet HTML 102Page - NXP Semiconductors MFRC63002R Datasheet HTML 103Page - NXP Semiconductors MFRC63002R Datasheet HTML 104Page - NXP Semiconductors MFRC63002R Datasheet HTML 105Page - NXP Semiconductors MFRC63002R Datasheet HTML 106Page - NXP Semiconductors MFRC63002R Datasheet HTML 107Page - NXP Semiconductors MFRC63002R Datasheet HTML 108Page - NXP Semiconductors MFRC63002R Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 118 page
background image
MFRC630
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 6 September 2012
227531
105 of 118
NXP Semiconductors
MFRC630
Contactless reader IC
14.1.4 Antenna coil
The precise calculation of the antenna coils’ inductance is not practicable but the
inductance can be estimated using the following formula. We recommend designing an
antenna either with a circular or rectangular shape.
(4)
• I1 - Length in cm of one turn of the conductor loop
• D1 - Diameter of the wire or width of the PCB conductor respectively
• K - Antenna shape factor (K = 1,07 for circular antennas and K = 1,47 for square
antennas)
• L1 - Inductance in nH
• N1 - Number of turns
• Ln: Natural logarithm function
The actual values of the antenna inductance, resistance, and capacitance at
13.56 MHz depend on various parameters such as:
• antenna construction (Type of PCB)
• thickness of conductor
• distance between the windings
• shielding layer
• metal or ferrite in the near environment
Therefore a measurement of those parameters under real life conditions, or at least a
rough measurement and a tuning procedure is highly recommended to guarantee a
reasonable performance. For details refer to the above mentioned application notes.
L
1
2
=
I
1
I
1
D
1
------

ln
K
–


N
1
18




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com