Electronic Components Datasheet Search
  English  ▼

X  

TMP104 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP104
Description  Low-Power, Digital Temperature Sensor with SMAART Wire Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP104 Datasheet(HTML) 2 Page - Texas Instruments

  TMP104 Datasheet HTML 1Page - Texas Instruments TMP104 Datasheet HTML 2Page - Texas Instruments TMP104 Datasheet HTML 3Page - Texas Instruments TMP104 Datasheet HTML 4Page - Texas Instruments TMP104 Datasheet HTML 5Page - Texas Instruments TMP104 Datasheet HTML 6Page - Texas Instruments TMP104 Datasheet HTML 7Page - Texas Instruments TMP104 Datasheet HTML 8Page - Texas Instruments TMP104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TMP104
SBOS564A
– NOVEMBER 2011 – REVISED NOVEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE-LEAD
DESIGNATOR
PACKAGE MARKING
ORDERING NUMBER
TMP104YFFR
TMP104
DSBGA-4
YFF
T4
TMP104YFFT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
TMP104
UNIT
Supply voltage
3.6
V
Input voltage
–0.3 to (V+) + 0.3
V
Operating temperature
–55 to +150
°C
Storage temperature
–60 to +150
°C
Junction temperature
+150
°C
Human body model (HBM)
2000
V
ESD rating
Charged device model (CDM)
1000
V
Machine model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
THERMAL INFORMATION
TMP104
THERMAL METRIC(1)
YFF
UNITS
4 PINS
θJA
Junction-to-ambient thermal resistance
188.5
θJCtop
Junction-to-case (top) thermal resistance
2.1
θJB
Junction-to-board thermal resistance
35.1
°C/W
ψJT
Junction-to-top characterization parameter
10.6
ψJB
Junction-to-board characterization parameter
35.1
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TMP104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com