Electronic Components Datasheet Search
  English  ▼

X  

TMP104 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP104
Description  Low-Power, Digital Temperature Sensor with SMAART Wire Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP104 Datasheet(HTML) 3 Page - Texas Instruments

  TMP104 Datasheet HTML 1Page - Texas Instruments TMP104 Datasheet HTML 2Page - Texas Instruments TMP104 Datasheet HTML 3Page - Texas Instruments TMP104 Datasheet HTML 4Page - Texas Instruments TMP104 Datasheet HTML 5Page - Texas Instruments TMP104 Datasheet HTML 6Page - Texas Instruments TMP104 Datasheet HTML 7Page - Texas Instruments TMP104 Datasheet HTML 8Page - Texas Instruments TMP104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TMP104
www.ti.com
SBOS564A
– NOVEMBER 2011 – REVISED NOVEMBER 2011
ELECTRICAL CHARACTERISTICS
At TA = +25°C and V+ = +1.4 V to +3.6 V, unless otherwise noted.
TMP104
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–40
+125
°C
–10°C to +100°C, V+ = 1.8 V
±0.5
±2
°C
Accuracy (temperature error)
–40°C to +125°C, V+ = 1.8 V
±1
±3
°C
vs supply
±0.2
±0.5
°C/V
Resolution
1.0
°C
DIGITAL INPUT/OUTPUT
VIH
0.7
× (V+)
V+
V
Input logic levels
VIL
–0.5
0.3
× (V+)
V
IIN
Input current
0
< VIN < (V+) + 0.3 V
1
μA
V+
> 2 V, IOL = 1 mA
0
0.4
V
VOL
V+
< 2 V, IOL = 1 mA
0
0.2
× (V+)
V
Output logic levels
V+
> 2 V, IOH = 1 mA
(V+)
– 0.4
V+
V
VOH
V+
< 2 V, IOH = 1 mA
0.8
× (V+)
V+
V
Resolution
8
Bit
Conversion time
26
35
ms
CR1 = 0, CR0 = 0 (default)
0.25
Conv/s
CR1 = 0, CR0 = 1
1
Conv/s
Conversion modes
CR1 = 1, CR0 = 0
4
Conv/s
CR1 = 1, CR0 = 1
8
Conv/s
Timeout time
Interface
28
ms
SMAART wire interface
Serial baud rate
4.8
114
kbps
POWER SUPPLY
Operating supply range
+1.4
+3.6
V
Serial bus inactive, CR1 = 0,
1.5
3
μA
CR0 = 0 (default), V+ = 1.8 V
IQ
Quiescent current
Serial bus active, CR1 = 0, CR0 = 0, V+ = 1.8 V
20
μA
ISD
Shutdown current
Serial bus inactive, V+ = 1.8 V
0.5
1
μA
TEMPERATURE
Specified range
–40
+125
°C
Operating range
–55
+150
°C
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMP104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com