Electronic Components Datasheet Search
  English  ▼

X  

TMP104 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP104
Description  Low-Power, Digital Temperature Sensor with SMAART Wire Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP104 Datasheet(HTML) 1 Page - Texas Instruments

  TMP104 Datasheet HTML 1Page - Texas Instruments TMP104 Datasheet HTML 2Page - Texas Instruments TMP104 Datasheet HTML 3Page - Texas Instruments TMP104 Datasheet HTML 4Page - Texas Instruments TMP104 Datasheet HTML 5Page - Texas Instruments TMP104 Datasheet HTML 6Page - Texas Instruments TMP104 Datasheet HTML 7Page - Texas Instruments TMP104 Datasheet HTML 8Page - Texas Instruments TMP104 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Host
Device
(1)
Device
(2)
Device
(N 1)
-
Device
(N)
V
CC
V
CC
V
CC
V
CC
RX_1
RX_2
RX_N
RX_(N
1)
-
TX_1
TX_2
TX_(N
1)
-
TX_(N)
Daisy-Chain
Configuration
Up to 16 TMP104 Devices in Daisy-Chain
TX
RX
TMP104
www.ti.com
SBOS564A
– NOVEMBER 2011 – REVISED NOVEMBER 2011
Low-Power, Digital Temperature Sensor
with SMAART Wire Interface
Check for Samples: TMP104
1
FEATURES
DESCRIPTION
The TMP104 is a digital output temperature sensor in
2
•
Multiple Device Access (MDA):
a four-ball wafer chip-scale package (WCSP). The
– Global Read/Write Operations
TMP104 is capable of reading temperatures to a
•
SMAART Wire Interface
resolution of 1
°C.
•
Resolution: 8 Bits
The TMP104 features a SMAART wire interface that
•
Accuracy:
±0.5°C Typ (–10°C to +100°C)
supports daisy-chain configurations. In addition, the
interface supports multiple device access (MDA)
•
Low Quiescent Current:
commands that allow the master to communicate with
– 3 μA Active IQ at 0.25 Hz
multiple
devices
on
the
bus
simultaneously,
– 1 μA Shutdown
eliminating the need to send individual commands to
each TMP104 on the bus.
•
Supply Range: 1.4 V to 3.6 V
•
Digital Output
Up to 16 TMP104s can be tied together in parallel
and easily read by the host. The TMP104 is
•
Package: 0.8-mm (
±5%) × 1-mm (±5%) 4-Ball
especially
ideal
for
space-constrained,
WCSP (DSBGA)
power-sensitive
applications
with
multiple
temperature
measurement
zones
that
must
be
APPLICATIONS
monitored.
•
Handsets
The TMP104 is specified for operation over a
•
Notebooks
temperature range of
–40°C to +125°C.
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP104 TI2-TMP104 Datasheet
474Kb / 23P
TMP104 Low-Power, Digital Temperature Sensor With SMAART Wire™ Interface
REVISED DECEMBER 2018
TMP104EVM TI1-TMP104EVM Datasheet
2Mb / 25P
TMP104EVM Evaluation Board and Software Tutorial
TMP104YFFR TI2-TMP104YFFR Datasheet
474Kb / 23P
TMP104 Low-Power, Digital Temperature Sensor With SMAART Wire™ Interface
REVISED DECEMBER 2018
TMP104YFFR.A TI2-TMP104YFFR.A Datasheet
474Kb / 23P
TMP104 Low-Power, Digital Temperature Sensor With SMAART Wire™ Interface
REVISED DECEMBER 2018
TMP104YFFR.B TI2-TMP104YFFR.B Datasheet
474Kb / 23P
TMP104 Low-Power, Digital Temperature Sensor With SMAART Wire™ Interface
REVISED DECEMBER 2018
More results

Similar Description - TMP104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP103 TI-TMP103_15 Datasheet
817Kb / 24P
Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
TMP144 TI1-TMP144 Datasheet
413Kb / 27P
Low-Power, Digital Temperature Sensor With SMAART Wire / UART Interface
TMP144 TI-TMP144_V01 Datasheet
1Mb / 37P
TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V02 Datasheet
2Mb / 37P
TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V03 Datasheet
1Mb / 41P
TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com