Electronic Components Datasheet Search
  English  ▼

X  

SST29SF010 Datasheet(PDF) 23 Page - Silicon Storage Technology, Inc

Part # SST29SF010
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29SF010 Datasheet(HTML) 23 Page - Silicon Storage Technology, Inc

Back Button SST29SF010 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 24Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Preliminary Specifications
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Small-Sector Flash
SST29SF512 / SST29SF010 / SST29SF020 / SST29SF040
SST29VF512 / SST29VF010 / SST29VF020 / SST29VF040
23
©2001 Silicon Storage Technology, Inc.
S71160-05-000
5/01
505
PACKAGING DIAGRAMS
32-PIN PLASTIC LEAD CHIP CARRIER (PLCC)
SST PACKAGE CODE: NH
32-PIN THIN SMALL OUTLINE PACKAGE (TSOP) 8MM X 14MM
SST PACKAGE CODE: WH
.030
.040
.013
.021
.490
.530
.075
.095
.015 Min.
.125
.140
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
232
.026
.032
.400
BSC
32.PLCC.NH-ILL.2
Note:
1. Complies with JEDEC publication 95 MS-016 AE dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in inches (min/max).
3. Dimensions do not include mold flash. Maximum allowable mold flash is .008 inches.
4. Coplanarity: 4 mils.
.050
BSC.
.050
BSC.
.026
.032
.023
.029
.447
.453
.042
.048
.042
.048
Optional
Pin #1 Identifier
.547
.553
.585
.595
.485
.495
.020 R.
MAX.
.106
.112
R.
x 30˚
32.TSOP-WH-ILL.4
Note:
1. Complies with JEDEC publication 95 MO-142 BA dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in millimeters (min/max).
3. Coplanarity: 0.1 (±.05) mm.
4. Maximum allowable mold flash is 0.15mm at the package ends, and 0.25mm between leads.
8.10
7.90
.270
.170
1.05
0.95
.50
BSC
0.15
0.05
12.50
12.30
Pin # 1 Identifier
14.20
13.80
0.70
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com