Electronic Components Datasheet Search
  English  ▼

X  

SST29SF010 Datasheet(PDF) 14 Page - Silicon Storage Technology, Inc

Part # SST29SF010
Description  512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29SF010 Datasheet(HTML) 14 Page - Silicon Storage Technology, Inc

Back Button SST29SF010 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST29SF010 Datasheet HTML 18Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
Preliminary Specifications
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit Small-Sector Flash
SST29SF512 / SST29SF010 / SST29SF020 / SST29SF040
SST29VF512 / SST29VF010 / SST29VF020 / SST29VF040
©2001 Silicon Storage Technology, Inc.
S71160-05-000
5/01
505
FIGURE 10: WE# CONTROLLED CHIP-ERASE TIMING DIAGRAM
FIGURE 11: SOFTWARE ID ENTRY AND READ
505 ILL F17.2
ADDRESS AMS-0
DQ7-0
WE#
SW0
SW1
SW2
SW3
SW4
SW5
555
2AA
2AA
555
555
55
10
55
AA
80
AA
555
OE#
CE#
SIX-BYTE CODE FOR CHIP-ERASE
TSCE
TWP
Note:
This device also supports CE# controlled Chip-Erase operation. The WE# and CE# signals are
interchageable as long as minimum timings are met. (See Table 11)
Note:
AMS = Most Significant Address
AMS = A15 for SST29SF/VF512, A16 for SST29SF/VF010, A17 for SST29SF/VF020 and A18 for SST29SF/VF040
505 ILL F08.2
ADDRESS A14-0
DQ7-0
WE#
Note: Device ID = 20H for SST29SF512, 22H for SST29SF010, 24H for SST29SF020, 13H for SST29SF040
21H for SST29VF512, 23H for SST29VF010, 25H for SST29VF020, 14H for SST29VF040
SW1
SW0
SW2
Device ID
555
2AA
555
0000
0001
OE#
CE#
Three-Byte Sequence for
Software ID Entry
TWP
TWPH
TAA
BF
55
AA
90
TIDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com