Electronic Components Datasheet Search
  English  ▼

X  

SST34HF1621 Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST34HF1621
Description  16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST34HF1621 Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST34HF1621 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
Data Sheet
16 Mbit Concurrent SuperFlash + 2 / 4 Mbit SRAM ComboMemory
SST34HF1621 / SST34HF1641
©2001 Silicon Storage Technology, Inc.
S71172-05-000
10/01 523
TABLE
6: SYSTEM INTERFACE INFORMATION
Address
Data
Data
1BH
0027H
VDD Min (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1CH
0036H
VDD Max (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1DH
0000H
VPP Min (00H = no VPP pin)
1EH
0000H
VPP Max (00H = no VPP pin)
1FH
0004H
Typical time out for Word-Program 2N µs (24 = 16 µs)
20H
0000H
Typical time out for Min size buffer program 2N µs (00H = not supported)
21H
0004H
Typical time out for individual Sector/Block-Erase 2N ms (24 = 16 ms)
22H
0006H
Typical time out for Chip-Erase 2N ms (26 = 64 ms)
23H
0001H
Maximum time out for Word-Program 2N times typical (21 x 24 = 32 µs)
24H
0000H
Maximum time out for buffer program 2N times typical
25H
0001H
Maximum time out for individual Sector/Block-Erase 2N times typical
(21 x 24 = 32 ms)
26H
0001H
Maximum time out for Chip-Erase 2N times typical (21 x 26 = 128 ms)
T6.0 523
TABLE
7: DEVICE GEOMETRY INFORMATION
Address
Data
Data
27H
0015H
Device size = 2N Byte (15H = 21; 221 = 2M Bytes)
28H
0001H
Flash Device Interface description; 0001H = x16-only asynchronous interface
29H
0000H
2AH
0000H
Maximum number of byte in multi-byte write = 2N (00H = not supported)
2BH
0000H
2CH
0002H
Number of Erase Sector/Block sizes supported by device
2DH
00FFH
Sector Information (y + 1 = Number of sectors; z x 256B = sector size)
2EH
0003H
y = 1023 + 1 = 1024 sectors (03FF = 1023)
2FH
0008H
30H
0000H
z = 8 x 256 Bytes = 2 KByte/sector (0008H = 8)
31H
001FH
Block Information (y + 1 = Number of blocks; z x 256B = block size)
32H
0000H
y = 31 + 1 = 32 blocks (001F = 31)
33H
0000H
34H
0001H
z = 256 x 256 Bytes = 64 KByte/block (0100H = 256)
T7.0 523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com