Electronic Components Datasheet Search
  English  ▼

X  

SST34HF1621 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST34HF1621
Description  16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST34HF1621 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST34HF1621 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST34HF1621 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
16 Mbit Concurrent SuperFlash + 2 / 4 Mbit SRAM ComboMemory
SST34HF1621 / SST34HF1641
13
©2001 Silicon Storage Technology, Inc.
S71172-05-000
10/01 523
TABLE
9: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Minimum
Units
TPU-READ1
Power-up to Read Operation
100
µs
TPU-WRITE1
Power-up to Write Operation
100
µs
T9.1 523
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 10: CAPACITANCE (Ta = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T10.0 523
TABLE 11: FLASH RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T11.1 523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com