Electronic Components Datasheet Search
  English  ▼

X  

TPS65252 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65252
Description  4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65252 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65252 Datasheet HTML 17Page - Texas Instruments TPS65252 Datasheet HTML 18Page - Texas Instruments TPS65252 Datasheet HTML 19Page - Texas Instruments TPS65252 Datasheet HTML 20Page - Texas Instruments TPS65252 Datasheet HTML 21Page - Texas Instruments TPS65252 Datasheet HTML 22Page - Texas Instruments TPS65252 Datasheet HTML 23Page - Texas Instruments TPS65252 Datasheet HTML 24Page - Texas Instruments TPS65252 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
I
- Supply Current - A
DD
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
I
- Supply Current - A
DD
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
I
- Supply Current - A
DD
TPS65252
www.ti.com
SLVSAM1B
– DECEMBER 2010 – REVISED FEBRUARY 2011
Figure 24. Buck 2 VIN = 5 V, fS = 500 kHz,
VO (From Top to Bottom) = 5, 3.3, 2.5, 1.8, 1.2 V
Figure 25. Buck 1 VIN = 5 V, fS = 1.1 MHz,
VO (From Top to Bottom) = 5, 3.3, 2.5, 1.8, 1.2 V
Figure 26. Buck 2 VIN = 5 V, fS = 1.1 MHz,
VO (From Top to Bottom) = 5, 3.3, 2.5, 1.8, 1.2 V
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS65252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com