Electronic Components Datasheet Search
  English  ▼

X  

TPS65252 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65252
Description  4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65252 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65252 Datasheet HTML 4Page - Texas Instruments TPS65252 Datasheet HTML 5Page - Texas Instruments TPS65252 Datasheet HTML 6Page - Texas Instruments TPS65252 Datasheet HTML 7Page - Texas Instruments TPS65252 Datasheet HTML 8Page - Texas Instruments TPS65252 Datasheet HTML 9Page - Texas Instruments TPS65252 Datasheet HTML 10Page - Texas Instruments TPS65252 Datasheet HTML 11Page - Texas Instruments TPS65252 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TPS65252
SLVSAM1B
– DECEMBER 2010 – REVISED FEBRUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = -40°C to 85°C, VIN = 12 V, fSW = 1 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER GOOD RESET GENERATOR
Output falling (device will be
85
disabled after tON_HICCUP )
Threshold voltage for buck under
VUVBUCKX
%
voltage
Output rising (PG will be
90
asserted)
tUV_deglitch
Deglitch time (both edges)
11
ms
tON_HICCUP
Hiccup mode ON time
VUVBUCKX asserted
12
ms
All converters disabled. Once
Hiccup mode OFF time before
tOFF_HICCUP elapses, all
tOFF_HICCUP
20
ms
re-start is attempted
converters will go through
sequencing again.
Output rising (high side fet will
109
be forced off)
Threshold voltage for buck over
VOVBUCKX
%
voltage
Output falling (high side fet will
107
be allowed to switch )
Measured after minimum reset
tRP
Minimum reset period
period of all bucks power-up
256
ms
successfully
Pulled to 3V3 with 100-k
Ω
PGOODLO
Power good low level
0.3
V
resistors
THERMAL SHUTDOWN
TTRIP
Thermal shut down trip point
Rising temperature
160
°C
THYST
Thermal shut down hysteresis
Device re-starts
20
°C
TTRIP_DEGLITCH
Thermal shut down deglitch
100
120
µs
8
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS65252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com