Electronic Components Datasheet Search
  English  ▼

X  

TPS65252 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65252
Description  4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65252 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS65252 Datasheet HTML 12Page - Texas Instruments TPS65252 Datasheet HTML 13Page - Texas Instruments TPS65252 Datasheet HTML 14Page - Texas Instruments TPS65252 Datasheet HTML 15Page - Texas Instruments TPS65252 Datasheet HTML 16Page - Texas Instruments TPS65252 Datasheet HTML 17Page - Texas Instruments TPS65252 Datasheet HTML 18Page - Texas Instruments TPS65252 Datasheet HTML 19Page - Texas Instruments TPS65252 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
2
C
M
ps
fc Vo Co
R
g
Vref gm
p ×
×
×
=
×
×
2
C
M
ps
fc Co
R
g
gm
p ×
×
=
×
L
c
c
R
Co
C
R
×
=
L
c
c
R
Co
C
R
×
=
1
2
O
L
fp
C
R
p
=
×
×
Re
Roll
C
sr Co
C
R
×
=
Re
Roll
C
sr Co
C
R
×
=
1
2
Roll
C
Roll
fp
R
C
p
=
×
×
×
1
1
2
ff
ff
C
fz
R
p
=
×
×
×
TPS65252
SLVSAM1B
– DECEMBER 2010 – REVISED FEBRUARY 2011
www.ti.com
To calculate the external compensation components follow the following steps:
TYPE II CIRCUIT
TYPE III CIRCUIT
Select switching frequency that is appropriate for
application depending on L, C sizes, output ripple, EMI
concerns and etc. Switching frequencies between 500 kHz
Use type III circuit for switching
and 1 MHz give best trade off between performance and
frequencies higher than 500 kHz.
cost. When using smaller L and Cs, switching frequency
can be increased. To optimize efficiency, switching
frequency can be lowered.
Select cross over frequency (fc) to be less than 1/5 to 1/10
Suggested
Suggested
of switching frequency.
fc = fs/10
fc = fs/10
Set and calculate Rc.
Calculate Cc by placing a compensation zero at or before
the converter dominant pole
Add CRoll if needed to remove large signal coupling to high
impedance COMP node. Make sure that
is at least twice the cross over frequency.
Calculate Cff compensation zero at low frequency to boost
the phase margin at the crossover frequency. Make sure
NA
that the zero frequency (fzff is smaller than soft start
equivalent frequency (1/Tss).
Slope Compensation
The device has a built-in slope compensation ramp. The slope compensation can prevent sub harmonic
oscillations in peak current mode control.
Input Capacitor
Use 10-
µF X7R/X5R ceramic capacitors at the input of the converter inputs. These capacitors should be
connected as close as physically possible to the input pins of the converters.
Bootstrap Capacitor
The device has two integrated boot regulators and requires a small ceramic capacitor between the BST and LX
pin to provide the gate drive voltage for the high side MOSFET. The value of the ceramic capacitor should be
0.047
µF. A ceramic capacitor with an X7R or X5R grade dielectric is recommended because of the stable
characteristics over temperature and voltage.
Power Good
The PGOOD pin is an open drain output. The PGOOD pin is pulled low when any buck converter is pulled below
85% of the nominal output voltage. The PGOOD is pulled up when both buck converters
’ outputs are more than
90% of its nominal output voltage. The default reset time is 256 ms. The polarity of the PGOOD is active high.
16
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS65252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com