Electronic Components Datasheet Search
  English  ▼

X  

49LF002 Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # 49LF002
Description  2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

49LF002 Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button 49LF002 Datasheet HTML 3Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 4Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 5Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 6Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 7Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 8Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 9Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 10Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Advance Information
2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
SST49LF002A / SST49LF003A / SST49LF004A / SST49LF008A
7
©2001 Silicon Storage Technology, Inc.
S71161-06-000
9/01
504
Block Locking Registers
SST49LF00xA provides software controlled lock protection through a set of Block Locking registers. The Block
Locking Registers are read/write registers and it is accessible through standard addressable memory locations
specified in Table 4 and Table 5. Unused register locations will read as 00H.
TABLE
4: BLOCK LOCKING REGISTERS FOR SST49LF002A1
1. Default value at power up is 01H
Register
Block Size
Protected Memory
Address Package
Memory Map
Register Address
T_BLOCK_LK
16K
3FFFFH - 3C000H
FFBF8002H
T_MINUS01_LK
16K
16K
16K
3BFFFH - 38000H
37FFFH - 34000H
33FFFH - 30000H
FFBF0002H
T_MINUS02_LK
16K
16K
2FFFFH - 2C000H
2BFFFH - 28000H
FFBE8002H
T_MINUS03_LK
16K
16K
27FFFH - 24000H
23FFFH - 20000H
FFBE0002H
T_MINUS04_LK
16K
16K
1FFFFH - 1C000H
1BFFFH - 18000H
FFBD8002H
T_MINUS05_LK
16K
16K
17FFFH - 14000H
13FFFH - 10000H
FFBD0002H
T_MINUS06_LK
16K
16K
0FFFFH - 0C000H
0BFFFH - 08000H
FFBC8002H
T_MINUS07_LK
16K
16K
07FFFH - 04000H
03FFFH - 00000H
FFBC0002H
T4.1 504
TABLE
5: BLOCK LOCKING REGISTERS FOR SST49LF003A/004A/008A1
1. Default value at power up is 01H
Register
Block
Size
Protected Memory Address Range
Memory Map
Register Address
SST49LF003A
SST49LF004A
SST49LF008A
T_BLOCK_LK
64K
07FFFFH - 070000H
07FFFFH - 070000H
0FFFFFH - 0F0000H
FFBF0002H
T_MINUS01_LK
64K
06FFFFH - 060000H
06FFFFH - 060000H
0EFFFFH - 0E0000H
FFBE0002H
T_MINUS02_LK
64K
05FFFFH - 050000H
05FFFFH - 050000H
0DFFFFH - 0D0000H
FFBD0002H
T_MINUS03_LK
64K
04FFFFH - 040000H
04FFFFH - 040000H
0CFFFFH - 0C0000H
FFBC0002H
T_MINUS04_LK
64K
03FFFFH - 030000H
03FFFFH - 030000H
0BFFFFH - 0B0000H
FFBB0002H
T_MINUS05_LK
64K
02FFFFH - 020000H
02FFFFH - 020000H
0AFFFFH - 0A0000H
FFBA0002H
T_MINUS06_LK
64K
01FFFFH - 010000H
09FFFFH - 090000H
FFB90002H
T_MINUS07_LK
64K
00FFFFH - 000000H
08FFFFH - 080000H
FFB80002H
T_MINUS08_LK
64K
07FFFFH - 070000H
FFB70002H
T_MINUS09_LK
64K
06FFFFH - 060000H
FFB60002H
T_MINUS10_LK
64K
05FFFFH - 050000H
FFB50002H
T_MINUS11_LK
64K
04FFFFH - 040000H
FFB40002H
T_MINUS12_LK
64K
03FFFFH - 030000H
FFB30002H
T_MINUS13_LK
64K
02FFFFH - 020000H
FFB20002H
T_MINUS14_LK
64K
01FFFFH -010000H
FFB10002H
T_MINUS15_LK
64K
00FFFFH - 000000H
FFB00002H
T5.2 504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com