Electronic Components Datasheet Search
  English  ▼

X  

49LF002 Datasheet(PDF) 18 Page - Silicon Storage Technology, Inc

Part # 49LF002
Description  2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

49LF002 Datasheet(HTML) 18 Page - Silicon Storage Technology, Inc

Back Button 49LF002 Datasheet HTML 14Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 15Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 16Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 17Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 18Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 19Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 20Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 21Page - Silicon Storage Technology, Inc 49LF002 Datasheet HTML 22Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
18
Advance Information
2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
SST49LF002A / SST49LF003A / SST49LF004A / SST49LF008A
©2001 Silicon Storage Technology, Inc.
S71161-06-000
9/01
504
TABLE
9: OPERATION MODES SELECTION (PP MODE)
Mode
RST#
OE#
WE#
DQ
Address
Read
VIH
VIL
VIH
DOUT
AIN
Program
VIH
VIH
VIL
DIN
AIN
Erase
VIH
VIH
VIL
X1
Sector or Block address,
XXH for Chip-Erase
Reset
VIL
XX
High Z
X
Write Inhibit
VIH
X
VIL
VIH
XHigh Z/DOUT
High Z/DOUT
X
X
Product Identification
VIH
VIL
VIH
Manufacturer’s ID (BFH)
Device ID2
A18-A1=VIL, A0=VIL
A18-A1=VIL, A0=VIH
T9.4 504
1. X can be VIL or VIH, but no other value.
2. Device ID 57H for SST49LF002A, 1BH for SST49LF003A, 60H for SST49LF004A, and 5AH for SST49LF008A
TABLE 10: SOFTWARE COMMAND SEQUENCE
Command Sequence
1st1
Write Cycle
1. FWH Mode uses consecutive Write cycles to complete a command sequence; PP Mode uses consecutive bus cycles to complete a
command sequence.
2nd1
Write Cycle
3rd1
Write Cycle
4th1
Write Cycle
5th1
Write Cycle
6th1
Write Cycle
Addr2
2. Address format A14-A0 (Hex), Addresses A15-A21 can be VIL or VIH, but no other value, for the Command sequence in PP Mode.
Data
Addr2
Data Addr2
Data
Addr2
Data
Addr2
Data
Addr2
Data
Byte-Program
5555H
AAH
2AAAH
55H
5555H
A0H
BA3
3. BA = Program Byte address
Data
Sector-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
SAX4
4. SAX for Sector-Erase Address
30H
Block-Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
BAX5
5. BAX for Block-Erase Address
50H
Chip-Erase6
6. Chip-Erase is supported in PP Mode only
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Software ID Entry7,8
7. SST Manufacturer’s ID = BFH, is read with A0=0,
With A17-A1 = 0; 49LF002A Device ID = 57H, is read with A0 = 1.
With A18-A = 0; 49LF003A Device ID = 1BH, is read with A0 = 1.
With A18-A1 = 0; 49LF004A Device ID = 60H, is read with A0 = 1.
With A19-A1 = 0; 49LF008A Device ID = 5AH, is read with A0 = 1.
8. The device does not remain in Software Product ID mode if powered down.
5555H
AAH
2AAAH
55H
5555H
90H
Software ID Exit9
9. Both Software ID Exit operations are equivalent
XXH
F0H
Software ID Exit9
5555H
AAH
2AAAH
55H
5555H
F0H
T10.5 504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com