Electronic Components Datasheet Search
  English  ▼

X  

TPS75201MPWPREP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75201MPWPREP
Description  FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATOR WITH RESET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75201MPWPREP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS75201MPWPREP Datasheet HTML 17Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 18Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 19Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 20Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 21Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 22Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 23Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 24Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TPS75201MEP
FAST TRANSIENT RESPONSE 2A LOW DROPOUT VOLTAGE REGULATOR
WITH RESET
SGLS325 − JANUARY 2006
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
THERMAL INFORMATION
1
0.5
3
0
02
4
6
2
1.5
2.5
3.5
8
0.3
300 ft/min
150 ft/min
Natural Convection
Copper Heat-Sink Size − cm2
TA = 55°C
(b)
1
0.5
3
0
02
4
6
2
1.5
2.5
3.5
8
0.3
300 ft/min
150 ft/min
Natural Convection
Copper Heat-Sink Size − cm2
TA = 105°C
(c)
1
0.5
3
0
02
4
6
2
1.5
2.5
3.5
8
0.3
300 ft/min
150 ft/min
Natural Convection
Copper Heat-Sink Size − cm2
TA = 25°C
(a)
Figure 27. Power Ratings of PWP Package at TA 25°C, 55°C, and 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com