Electronic Components Datasheet Search
  English  ▼

X  

TPS75201MPWPREP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75201MPWPREP
Description  FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATOR WITH RESET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75201MPWPREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS75201MPWPREP Datasheet HTML 8Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 9Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 10Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 11Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 12Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 13Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 14Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 15Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
TPS75201MEP
FAST TRANSIENT RESPONSE 2A LOW DROPOUT VOLTAGE REGULATOR
WITH RESET
SGLS325 − JANUARY 2006
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
IN
EN
OUT
+
GND
CO
ESR
RL
VI
To Load
Figure 18. Test Circuit for Typical Regions of Stability (Figures 19 and 20) (Fixed-Output Options)
0.01
0
0.5
1
1.5
2
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
10
IO − Output Current − A
1
Region of Instability
0.1
Region of Stability
VO = 3.3 V
CO = 100 µF
VI = 4.3 V
TJ = 25°C
0.05
Figure 19
Figure 20
0.01
0
0.5
1
1.5
2
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
10
IO − Output Current − A
1
Region of Instability
0.1
Region of Stability
VO = 3.3 V
CO = 47 µF
VI = 4.3 V
TJ = 25°C
† Equivalent series resistance (ESR) refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally,
and PWB trace resistance to CO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com