Electronic Components Datasheet Search
  English  ▼

X  

TPS75201MPWPREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75201MPWPREP
Description  FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATOR WITH RESET
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75201MPWPREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS75201MPWPREP Datasheet HTML 9Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 10Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 11Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 12Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 13Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 14Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 15Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 16Page - Texas Instruments TPS75201MPWPREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TPS75201MEP
FAST TRANSIENT RESPONSE 2A LOW DROPOUT VOLTAGE REGULATOR
WITH RESET
SGLS325 − JANUARY 2006
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The TPS75201M-EP is an adjustable regulator (from 1.5 V to 5 V).
minimum load requirements
The TPS75201M-EP is stable, even at no load; no minimum load is required for operation.
pin functions
enable (EN)
The EN input enables or shuts down the device. If EN is a logic high, the device is in shutdown mode. When
EN goes to logic low, the device is enabled.
reset (RESET)
The RESET terminal is an open-drain, active-low output that indicates the status of VO. When VO reaches 95%
of the regulated voltage, RESET goes to a low-impedance state after a 100-ms delay. RESET goes to a
high-impedance state when VO is below 95% of the regulated voltage. The open-drain output of RESET requires
a pullup resistor.
sense (SENSE)
The SENSE terminal of the fixed-output options must be connected to the regulator output, and the connection
should be as short as possible. Internally, SENSE connects to a high-impedance wide-bandwidth amplifier
through a resistor-divider network, and noise pickup feeds through to the regulator output. It is essential to route
the SENSE connection in such a way to minimize/avoid noise pickup. Adding RC networks between SENSE
and VO to filter noise is not recommended because it may cause the regulator to oscillate.
feedback (FB)
FB is an input used for the adjustable-output options and must be connected to an external feedback resistor
divider. The FB connection should be as short as possible. It is essential to route it in such a way to
minimize/avoid noise pickup. Adding RC networks between FB and VO to filter noise is not recommended
because it may cause the regulator to oscillate.
ground/heat sink (GND/HEATSINK)
All GND/HEATSINK terminals are connected directly to the mount pad for thermal-enhanced operation. These
terminals could be connected to GND or left floating.
input capacitor
For a typical application, an input bypass capacitor (0.22
µF−1 µF) is recommended for device stability. This
capacitor should be as close to the input pins as possible. For fast transient condition, where droop at the input
of the LDO may occur due to high in-rush current, it is recommended to place a larger capacitor at the input as
well. The size of this capacitor is dependant on the output current and response time of the main power supply,
as well as the distance to the load (LDO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com