Electronic Components Datasheet Search
  English  ▼

X  

TRS3243CPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3243CPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRS3243CPWR Datasheet(HTML) 2 Page - Texas Instruments

  TRS3243CPWR Datasheet HTML 1Page - Texas Instruments TRS3243CPWR Datasheet HTML 2Page - Texas Instruments TRS3243CPWR Datasheet HTML 3Page - Texas Instruments TRS3243CPWR Datasheet HTML 4Page - Texas Instruments TRS3243CPWR Datasheet HTML 5Page - Texas Instruments TRS3243CPWR Datasheet HTML 6Page - Texas Instruments TRS3243CPWR Datasheet HTML 7Page - Texas Instruments TRS3243CPWR Datasheet HTML 8Page - Texas Instruments TRS3243CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
FUNCTION TABLES
Each Driver
(1)
Each Receiver
(1)
TRS3243
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SLLS806 – JUNE 2007
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 20
TRS3243CDW
SOIC – DW
TRS3243C
Reel of 1000
TRS3243CDWR
Tube of 50
TRS3243CDB
0
°C to 70°C
SSOP – DB
TRS3243C
Reel of 2000
TRS3243CDBR
Tube of 50
TRS3243CPW
TSSOP – PW
TRS3243
Reel of 2000
TRS3243CPWR
Tube of 50
TRS3243IDW
SOIC – DW
TRS3243I
Reel of 2000
TRS3243IDWR
Tube of 50
TRS3243IDB
–40
°C to 85°C
SSOP – DB
TRS3243I
Reel of 2000
TRS3243IDBR
Tube of 50
TRS3243IPW
TSSOP – PW
TRS3243I
Reel of 2000
TRS3243IPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
INPUTS
OUTPUT
DRIVER STATUS
VALID RIN
DOUT
DIN
FORCEON
FORCEOFF
RS-232 LEVEL
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with
auto-powerdown disabled
H
H
H
X
L
L
L
H
Yes
H
Normal operation with
auto-powerdown enabled
H
L
H
Yes
L
L
L
H
No
Z
Power off by
auto-powerdown feature
H
L
H
No
Z
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
INPUTS
OUTPUTS
RECEIVER STATUS
RIN1,
VALID RIN
RIN2
FORCEOFF
ROUT2B
ROUT
RIN3–RIN5
RS-232 LEVEL
L
X
L
X
L
Z
Powered off while
ROUT2B is active
H
X
L
X
H
Z
L
L
H
Yes
L
H
L
H
H
Yes
L
L
Normal operation with
H
L
H
Yes
H
H
auto-powerdown
disabled/enabled
H
H
H
Yes
H
L
Open
Open
H
Yes
L
H
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance (off), Open = input disconnected or connected driver off
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com