Electronic Components Datasheet Search
  English  ▼

X  

TRS3243CPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3243CPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRS3243CPWR Datasheet(HTML) 5 Page - Texas Instruments

  TRS3243CPWR Datasheet HTML 1Page - Texas Instruments TRS3243CPWR Datasheet HTML 2Page - Texas Instruments TRS3243CPWR Datasheet HTML 3Page - Texas Instruments TRS3243CPWR Datasheet HTML 4Page - Texas Instruments TRS3243CPWR Datasheet HTML 5Page - Texas Instruments TRS3243CPWR Datasheet HTML 6Page - Texas Instruments TRS3243CPWR Datasheet HTML 7Page - Texas Instruments TRS3243CPWR Datasheet HTML 8Page - Texas Instruments TRS3243CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
DRIVER SECTION
Electrical Characteristics
(1)
Switching Characteristics
(1)
Switching Characteristics
(1)
TRS3243
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SLLS806 – JUNE 2007
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
VOH
High-level output voltage
All DOUT at RL = 3 kΩ to GND
5
5.4
V
VOL
Low-level output voltage
All DOUT at RL = 3 kΩ to GND
–5
–5.4
V
Output voltage
DIN1 = DIN2 = GND, DIN3 = VCC, 3-kΩ to GND at DOUT3,
VO
±5
V
(mouse driveability)
DOUT1 = DOUT2 = 2.5 mA
IIH
High-level input current
VI = VCC
±0.01
±1
μA
IIL
Low-level input current
VI at GND
±0.01
±1
μA
Vhys
Input hysteresis
±1
V
VCC = 3.6 V,
VO = 0 V
±35
±60
IOS
Short-circuit output current(3)
mA
VCC = 5.5 V,
VO = 0 V
±35
±60
ro
Output resistance
VCC, V+, and V– = 0 V,
VO = ±2 V
300
10M
Ω
VO = ±12 V,
VCC = 3 V to 3.6 V
±25
Ioff
Output leakage current
FORCEOFF = GND,
μA
VO = ±10 V,
VCC = 4.5 V to 5.5 V
±25
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Short-circuit durations should be controlled to prevent exceeding the device absolute power dissipation ratings, and not more than one
output should be shorted at a time.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 6)
TRS3243C,
TRS3243I
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(2)
MAX
CL = 1000 pF,
RL = 3 kΩ,
Maximum data rate
150
250
kbit/s
One DOUT switching,
See Figure 1
tsk(p)
Pulse skew(3)
CL = 150 pF to 2500 pF,
RL = 3 kΩ to 7 kΩ, See Figure 2
100
ns
CL = 150 pF to 1000 pF
6
30
Slew rate, transition region
VCC = 3.3 V,
SR(tr)
V/
μs
(see Figure 1)
RL = 3 kΩ to 7 kΩ
CL = 150 pF to 2500 pF
4
30
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V + 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 6)
TRS3243FC,
TRS3243FI
PARAMETER
TEST CONDITIONS
UNIT
MIN TYP(2)
MAX
CL = 1000 pF
250
Maximum data rate
RL = 3 kΩ,
CL = 250 pF,
VCC = 3 V to 4.5 V
1000
kbit/s
(see Figure 1)
One DOUT switching,
CL = 1000 pF,
VCC = 4.5 V to 4.5 V
1000
tsk(p)
Pulse skew(3)
CL = 150 pF to 2500 pF, RL = 3 kΩ to 7 kΩ,
See Figure 2
25
ns
Slew rate, transition
SR(tr)
CL = 150 pF to 1000 pF, RL = 3 kΩ to 7 kΩ,
VCC = 3.3 V
18
150
V/
μs
region (see Figure 1)
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V + 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com