Electronic Components Datasheet Search
  English  ▼

X  

TRS3243CPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3243CPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRS3243CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRS3243CPWR Datasheet HTML 6Page - Texas Instruments TRS3243CPWR Datasheet HTML 7Page - Texas Instruments TRS3243CPWR Datasheet HTML 8Page - Texas Instruments TRS3243CPWR Datasheet HTML 9Page - Texas Instruments TRS3243CPWR Datasheet HTML 10Page - Texas Instruments TRS3243CPWR Datasheet HTML 11Page - Texas Instruments TRS3243CPWR Datasheet HTML 12Page - Texas Instruments TRS3243CPWR Datasheet HTML 13Page - Texas Instruments TRS3243CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.ti.com
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
Ω
3 V
2.7 V
−2.7 V
INVALID
Output
Receiver
Input
Generator
(see Note B)
FORCEOFF
tvalid
ROUT
FORCEON
Auto-
powerdown
INVALID
DOUT
0 V
0 V
−3 V
DIN
CL = 30 pF
(see Note A)
VCC
0 V
2.7 V
−2.7 V
0.3 V
−0.3 V
0 V
Valid RS-232 Level, INVALID High
Indeterminate
Indeterminate
If Signal Remains Within This Region
For More Than 30
µs, INVALID Is Low (see Note C)
Valid RS-232 Level, INVALID High
≈V+
0 V
≈V−
V+
VCC
ten
V−
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR = 5 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
C. Auto-powerdown disables drivers and reduces supply current to 1
µA.
50% VCC
50% VCC
2.7 V
−2.7 V
0.3 V
0.3 V
tinvalid
Supply
Voltages
TRS3243
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SLLS806 – JUNE 2007
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 5. INVALID Propagation Delay Times and Supply Enabling Time
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com