Electronic Components Datasheet Search
  English  ▼

X  

SS12SDP2 Datasheet(PDF) 29 Page - Texas Instruments

Part # SS12SDP2
Description  Contains all support circuitry needed for the ADS1148/ADS1248
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS12SDP2 Datasheet(HTML) 29 Page - Texas Instruments

Back Button SS12SDP2 Datasheet HTML 25Page - Texas Instruments SS12SDP2 Datasheet HTML 26Page - Texas Instruments SS12SDP2 Datasheet HTML 27Page - Texas Instruments SS12SDP2 Datasheet HTML 28Page - Texas Instruments SS12SDP2 Datasheet HTML 29Page - Texas Instruments SS12SDP2 Datasheet HTML 30Page - Texas Instruments SS12SDP2 Datasheet HTML 31Page - Texas Instruments SS12SDP2 Datasheet HTML 32Page - Texas Instruments SS12SDP2 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
www.ti.com
Schematics and Layout
9.2
Troubleshooting
If the ADS1248EVM plug-in cannot find the ADS1248EVM-PDK, press the USB RESET button on the
MMB3 (refer to Figure 6) and try again.
If ADCPro stops responding while the ADS1248EVM-PDK is connected, try unplugging the USB cable
from the PDK. Unload and reload the plug-in before reapplying power to the PDK.
10
Schematics and Layout
Schematics for the ADS1148EVM and ADS1248EVM are appended to this user's guide. The bill of
materials is provided in Table 7.
10.1 Bill of Materials
NOTE:
All components should be compliant with the European Union Restriction on Use of
Hazardous Substances (RoHS) Directive. Some part numbers may be either leaded or
RoHS. Verify that purchased components are RoHS-compliant. (For more information about
TI's position on RoHS compliance, see the Quality and Eco-Info information on the TI web
site.)
Table 7. ADS1148EVM/ADS1248EVM Bill of Materials
Item No.
Qty
Value
Ref Des
Description
Vendor
Part Number
1
1
N/A
ADS1248 EVM PWB
Texas
6496961
Instruments
2
4
1
μF
C1-C3, C33
Capacitor, X7R Ceramic 1
μF ±10%, 16WV,
TDK
C1608X7R1C105KT
Size = 0603
3
2
22
μF
C4, C5
Capacitor, X5R Ceramic 22
μF ±20%,
TDK
C3225X5R1C226MT
16WV, Size = 1210
4
12
0.1
μF
C6-C13, C15, C34,
Capacitor, X7R Ceramic 0.1
μF ±10%,
TDK
C1608X7R1E104KT
C35, C36
25WV, Size = 0603
5
1
0.15
μF
C14
Capacitor, X7R Ceramic 0.15
μF ±10%,
Murata
GRM188R71C154KA
16WV, Size = 0603
01D
6
8
10
μF
C16-C23
Capacitor, X5R Ceramic 10
μF ±20%,
TDK
C2012X5R0J106MT
6.3WV, Size = 0805
7
8
47pF
C24-C31
Capacitor, C0G Ceramic 47pF
±5%, 50WV,
TDK
C1608C0G1H470JT
Size = 0603
8
1
10nF
C32
Capacitor, C0G Ceramic 10nF
±5%, 25WV,
TDK
C1608C0G1E103JT
Size = 0603
9
4
D1, D2, D5, D6
DIODE SCHOTTKY 30V 200MA SOT-23
Fairchild
BAT54
10
2
D3, D4
5.1V, Zener Diode
On
MMBZ5231BLT1G
Semiconductor
11
2
J1, J2
Header Strip, 3-pin ( )
Samtec
TSW-103-07-L-S
12
1
J4
Terminal Block, 9-position
On Shore
ED555/9DS
Technology
13
4
J5, J6, J13, J14
Header Strip, 2-pin ( )
Samtec
TSW-102-07-L-S
14
2
J7A, J8A
20-pin SMT Plug
Samtec
TSM-110-01-L-DV-P
15
2
J7B, J8B
20-pin SMT Socket
Samtec
SSW-110-22-F-D-VS-
K
16
1
J9
Terminal Block, 3 position
On Shore
ED555/3DS
Technology
17
1
J10
Header Strip, 10-pin ( )
Samtec
TSW-105-07-L-D
18
1
J11A
10-pin SMT Plug
Samtec
TSM-105-01-L-DV-P
19
1
J11B
10-pin SMT Socket
Samtec
SSW-105-22-F-D-VS-
K
20
0
J12
Header Strip, 6-pin ( )
21
2
Q1, Q2
MOSFET, P-Channel, 2.5V
Fairchild
FDN302P
22
1
Q3
Enhancement Mode FET, N-Channel
Fairchild
FDN337N
23
1
100k
Ω
RA1
Resistor, 8 Thick Film Chip Array 100k
Ω,
CTS
745C101104JPTR
5%, 63mW
29
SBAU142B
– April 2009 – Revised May 2011
ADS1148EVM, ADS1248EVM, ADS1148EVM-PDK, and ADS1248EVM-PDK
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com