Electronic Components Datasheet Search
  English  ▼

X  

SS12SDP2 Datasheet(PDF) 3 Page - Texas Instruments

Part # SS12SDP2
Description  Contains all support circuitry needed for the ADS1148/ADS1248
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS12SDP2 Datasheet(HTML) 3 Page - Texas Instruments

  SS12SDP2 Datasheet HTML 1Page - Texas Instruments SS12SDP2 Datasheet HTML 2Page - Texas Instruments SS12SDP2 Datasheet HTML 3Page - Texas Instruments SS12SDP2 Datasheet HTML 4Page - Texas Instruments SS12SDP2 Datasheet HTML 5Page - Texas Instruments SS12SDP2 Datasheet HTML 6Page - Texas Instruments SS12SDP2 Datasheet HTML 7Page - Texas Instruments SS12SDP2 Datasheet HTML 8Page - Texas Instruments SS12SDP2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
www.ti.com
EVM Overview
1
EVM Overview
1.1
Features
ADS1148EVM/ADS1248EVM Features:
•
Contains all support circuitry needed for the ADS1148/ADS1248
•
±2.5V and +5V power-supply options for ADC
•
Voltage reference options: external or onboard
•
GPIO access
•
Compatible with the TI Modular EVM System
ADS1148EVM-PDK/ADS1248EVM-PDK Features:
•
Easy-to-use evaluation software for Microsoft® Windows® XP
•
Data collection to text files
•
Built-in analysis tools including scope, FFT, and histogram displays
•
Complete control of board settings
•
Easily expandable with new analysis plug-in tools from Texas Instruments
For use with a computer, the ADS1148EVM-PDK or ADS1248EVM-PDK is available. This kit combines
the ADS1148/ADS1248EVM board with the MSP430-based MMB3 motherboard, and includes ADCPro
™
software for evaluation.
The MMB3 motherboard allows the ADS1148/ADS1248EVM to be connected to the computer via an
available USB port. This manual shows how to use the MMB3 as part of the
ADS1148EVM-PDK/ADS1248EVM-PDK, but does not provide technical details about the MMB3 itself.
ADCPro is a program for collecting, recording, and analyzing data from ADC evaluation boards. It is based
on a number of plug-in programs, so it can be expanded easily with new test and data collection plug-ins.
The ADS1148EVM-PDK/ADS1248EVM-PDK is controlled by a plug-in that runs in ADCPro. For more
information about ADCPro, see the ADCPro
™ Analog-to-Digital Converter Evaluation Software User's
Guide (literature number SBAU128), available for download from the TI web site.
This manual covers the operation of both the ADS1148/ADS1248EVM and the
ADS1148EVM-PDK/ADS1248EVM-PDK. Throughout this document, the abbreviation EVM and the term
evaluation module are synonymous with the ADS1148/ADS1248EVM. For clarity of reading, the remainder
of this manual will refer only to the ADS1248EVM or ADS1248EVM-PDK, but operation of the EVM and kit
for the ADS1148 is identical, unless otherwise noted.
1.2
Introduction
The ADS1248EVM is an evaluation module built to the TI Modular EVM System specification. It can be
connected to any modular EVM system interface card.
The ADS1248EVM is available as a stand-alone printed circuit board (PCB) or as part of the
ADS1248EVM-PDK, which includes an MMB3 motherboard and software. As a stand-alone PCB, the
ADS1248EVM is useful for prototyping designs and firmware.
Note that the ADS1248EVM has no microprocessor and cannot run software. To connect it to a computer,
some type of interface is required.
2
Analog Interface
For maximum flexibility, the ADS1248EVM is designed for easy interfacing to multiple analog sources.
Samtec part numbers SSW-110-22-F-D-VS-K and TSM-110-01-T-DV-P provide a convenient 10-pin,
dual-row, header/socket combination at J8. This header/socket provides access to the analog input pins of
the ADS1248. Consult Samtec at http://www.samtec.com or call 1-800-SAMTEC-9 for a variety of mating
connector options. These signals can also be connected to the terminal block J4.
3
SBAU142B
– April 2009 – Revised May 2011
ADS1148EVM, ADS1248EVM, ADS1148EVM-PDK, and ADS1248EVM-PDK
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com