Electronic Components Datasheet Search
  English  ▼

X  

SS12SDP2 Datasheet(PDF) 32 Page - Texas Instruments

Part # SS12SDP2
Description  Contains all support circuitry needed for the ADS1148/ADS1248
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS12SDP2 Datasheet(HTML) 32 Page - Texas Instruments

Back Button SS12SDP2 Datasheet HTML 26Page - Texas Instruments SS12SDP2 Datasheet HTML 27Page - Texas Instruments SS12SDP2 Datasheet HTML 28Page - Texas Instruments SS12SDP2 Datasheet HTML 29Page - Texas Instruments SS12SDP2 Datasheet HTML 30Page - Texas Instruments SS12SDP2 Datasheet HTML 31Page - Texas Instruments SS12SDP2 Datasheet HTML 32Page - Texas Instruments SS12SDP2 Datasheet HTML 33Page - Texas Instruments SS12SDP2 Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
ti
5411 EAST WILLIAMS BOULEVARD, TUCSON, AZ 85711 USA
TITLE
SHEET
OF
FILE
SIZE
DATE
REV
DRAWN BY
ENGINEER
REVISION HISTORY
REV
ENGINEERING CHANGE NUMBER
APPROVED
B
PRECISION ANALOG PRODUCTS
HIGH-PERFORMANCE ANALOG DIVISION
SEMICONDUCTOR GROUP
DOCUMENT CONTROL NO.
R2
2K
+5V
-5V
+5V
R3
47
C14
150nF
C15
0.1uF
C6
0.1uF
C1
1uF
R1
10K
J1
JPR-1X3
C5
22uF
GND
TP6
GND
CNTL
1
CLKX
3
CLKR
5
FSX
7
FSR
9
DX
11
DR
13
INT
15
TOUT
17
GPIO5
19
GPIO0
2
DGND
4
GPIO1
6
GPIO2
8
DGND
10
GPIO3
12
GPIO4
14
SCL
16
DGND
18
SDA
20
J7
SERIALHDR
OBCLK
EOH
1
GND
2
OUT
3
VCC
4
U8
CRY_C3391-4.096
DVDD
C32
10nF C0G
A
1
B
2
Y
3
GND
4
Y
5
A/B
6
G
7
VCC
8
U7
SN74LVC2G157DCT
R20
470K
R18
47K
R19
470K
J7A (TOP) = SAM_TSM-110-01-L-DV-P
J7B (BOTTOM) = SAM_SSW-110-22-F-D-VS
DVDD
P06
7
P07
8
GND
9
P10
10
P11
11
P12
12
SCL
19
SDA
20
VCC
21
INT
22
A1
23
A2
24
U3
PCA9535RGE
C12
0.1uF
DVDD
D1
FRC_BAT54
D2
FRC_BAT54
D3
ONS_MMBZ5231BLT1
VIN
2
VOUT
6
TRIM
5
GND
4
TEMP
3
U1
REF5020ID
AVDD
A0(+)
2
A1(+)
4
A2(+)
6
A3(+)
8
A4
10
A5
12
A6
14
A7
16
REF-
18
REF+
20
A0(-)
1
A1(-)
3
A2(-)
5
A3(-)
7
AGND
9
AGND
11
AGND
13
VCOM
15
AGND
17
AGND
19
J8
DAUGHTER-ANALOG
J8A (TOP) = SAM_TSM-110-01-L-DV-P
J8B (BOTTOM) = SAM_SSW-110-22-F-D-VS-K
IN
1
GND
2
EN
3
OUT
5
BYP
4
U6
TPS79225DBV
Q1
FRC_FDN302P
2
4
U5
SN74LVC1G07DBV
R23
100K
+5V
+5V
Q3
FRC_FDN337N
+5V
2
4
U4
SN74AHCT1G04DBV
+5V
+3.3V
-VA
2
-5VA
4
AGND
6
VD1
8
+5VD
10
+VA
1
+5VA
3
DGND
5
+1.8VD
7
+3.3VD
9
J11
DAUGHTER-POWER
ADC AVDD
ADC AVSS
DIGITAL=3.3V
DGND
AGND
DVDD
JUMPER FUNCTIONS
D4
ONS_MMBZ5231BLT1
J11A (TOP) = SAM_TSM-105-01-L-DV-P
J11B (BOTTOM) = SAM_SSW-105-22-F-D-VS-K
IN
2
GND
1
EN
3
OUT
5
BYP
4
U9
TPS72325DBV
Q2
FRC_FDN302P
R13
100K
C16
10uF
AVDD
AVDD
DVDD
C33
1uF
-5VA
5.1V
-2.5V
+2.5V
C23
10uF
C22
10uF
C20
10uF
R15
0
R14
0
R10
47
1
2
3
J2
JPR-1X3
2
3
6
U2
OPA227
Ref-
Ref+
DVDD
C4
22uF
C11
0.1uF
C18
10uF
C19
10uF
C13
0.1uF
RUSSELL ANDERSON
RUSSELL ANDERSON
6496962
11
31-Jul-2009
ADS1148EVM
B
C2
1uF
1
2
3
4
5
6
7
8
9
10
J10
JPR-2X5
C3
1uF
DVDD
SCLK
28
DOUT/DRDY
26
DRDY
25
DIN
27
CS
24
AIN3/Iexc/GPIO3
18
AIN6/Iexc/GPIO6
15
AIN1/Iexc
12
START
23
AIN0/Iexc
11
AIN2/Iexc/GPIO2
17
RESET
4
AIN7/Iexc/GPIO7
16
AIN4/Iexc/GPIO4
13
AIN5/Iexc/GPIO5
14
U10
ADS1148IPW
C21
10uF
R16
0
R17
0
Ref+
Ref-
R4
47
R5
47
R6
47
R7
47
R8
47
R9
47
R11
47
R12
47
C26
47pF
C25
47pF
C24
47pF
C27
47pF
C28
47pF
C29
47pF
C30
47pF
C31
47pF
C7
0.1uF
C8
0.1uF
C9
0.1uF
C10
0.1uF
C17
10uF
TP3
Int REF
TP1
AVSS
TP4
AVDD
TP2
REFP
AVDD
TP5
REFCOM
R21
100
R22
100
1
2
J5
JPR-2X1
1
2
J6
JPR-2X1
1
2
3
J9
TERMBLOCK-3
RA1A
100K
-5V
1
2
3
4
5
6
7
8
9
J4
TERMBLOCK-9
C34
0.1uF
D5
FRC_BAT54
D6
FRC_BAT54
A0
1
A1
2
GND
4
SDA
5
SCL
6
WP
7
VCC
8
A2
3
U11
MCP_24AA256-I/ST
C35
0.1uF
DVDD
DVDD
RA2
100K
R24
2.7K
R25
2.7K
DVDD
J13
J14
EXT CLK INPUT
C36
0.1uF
DVDD
VDD
5
RESET
4
MR
3
CT
1
GND
2
U12
TPS3836DBV
ADS1248EVM
ADS1248IPW
2
4
6
1
3
5
J12
HEADER-3X2_SPECIAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com