Electronic Components Datasheet Search
  English  ▼

X  

06181205 Datasheet(PDF) 22 Page - Tyco Electronics

Part # 06181205
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06181205 Datasheet(HTML) 22 Page - Tyco Electronics

Back Button 06181205 Datasheet HTML 18Page - Tyco Electronics 06181205 Datasheet HTML 19Page - Tyco Electronics 06181205 Datasheet HTML 20Page - Tyco Electronics 06181205 Datasheet HTML 21Page - Tyco Electronics 06181205 Datasheet HTML 22Page - Tyco Electronics 06181205 Datasheet HTML 23Page - Tyco Electronics 06181205 Datasheet HTML 24Page - Tyco Electronics 06181205 Datasheet HTML 25Page - Tyco Electronics 06181205 Datasheet HTML 26Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 85 page
background image
HTCM-SCE High temperature, low outgassing tie-on-cable marker tags
22
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
HTCM-SCE - 2.5K -
1/4 - 4H-9
Part numbering system
Color
Tie-wrap holes
Markable height of marker (inches)
Pack size
Product family
HTCM-SCE markers are flat, rigid, non-adhesive labels that can be
used to identify large cables and wire bundles in high temperature
environments and outer space applications where low vacuum
outgassing is required. Marker tags are applied to cables or wire
bundles using cable ties.
Print performance meets or exceeds the requirements of
SAE AS81531 4.6.2 and MIL-STD-202.
Features and benefits
I Side entry provides access to big size cables and wire
bundles as well as retrofit and repair capability
I High temperature use
I Highly flame-retardant
I Highly resistant to abrasion, mechanical abuses, fluids,
lubricants and solvents
I Low vacuum outgassing for outer space applications
I Ease of use: markers can be easily removed from the carrier
I Easy installation: only standard cable tie-wraps are
needed to install markers. No extra steps required
I Excellent print permanence when printing on the rough side
of the marker
Temperature rating
Operating temperature range
–55°C to +225°C
–67°F to +437°F
Specifications/approvals
Tyco Electronics
RW 2524
TTDS-022
Military
Mark permanence: SAE AS81531 4.6.2
Solvent resistance: MIL-STD-202
Method 215J
Printer information
Tyco Electronics printer
T312M (thermal transfer)
Tyco Electronics ribbon
TMS-RJS-RIBBON-4HT (thermal transfer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com