Electronic Components Datasheet Search
  English  ▼

X  

06181205 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 06181205
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06181205 Datasheet(HTML) 5 Page - Tyco Electronics

  06181205 Datasheet HTML 1Page - Tyco Electronics 06181205 Datasheet HTML 2Page - Tyco Electronics 06181205 Datasheet HTML 3Page - Tyco Electronics 06181205 Datasheet HTML 4Page - Tyco Electronics 06181205 Datasheet HTML 5Page - Tyco Electronics 06181205 Datasheet HTML 6Page - Tyco Electronics 06181205 Datasheet HTML 7Page - Tyco Electronics 06181205 Datasheet HTML 8Page - Tyco Electronics 06181205 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
TMS-SCE Military grade heat shrinkable wire identification sleeves
5
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Ordering information
Available sizes and formats
Inside diameter
Ordering
Expanded
Recovered
Recommended
Recovered wall
description
D (minimum)
d (maximum)
use range
thickness
Weight
mm
inches
mm
inches
mm
inches
mm
inches
(g/10 pcs.)
TMS-SCE-1K- 3/32-2.0 - <color>
2.36
0.093
0.79
0.031
0.81 - 1.90
0.032 - 0.075
0.53 ± 0.08
0.021 ± 0.003
1.50
TMS-SCE-2X-1K- 3/32- <color>
2.36
0.093
1.17
0.046
1.27 - 1.90
0.050 - 0.075
0.64 ± 0.08
0.025 ± 0.003
2.04
TMS-SCE-1K- 1/8-2.0 - <color>
3.18
0.125
1.07
0.042
1.11 - 2.66
0.044 - 0.105
0.58 ± 0.08
0.023 ± 0.003
2.03
TMS-SCE-2X-1K- 1/8- <color>
3.18
0.125
1.58
0.062
1.75 - 2.66
0.069 - 0.105
0.64 ± 0.08
0.025 ± 0.003
2.75
TMS-SCE-1K- 3/16-2.0 - <color>
4.75
0.187
1.57
0.062
1.75 - 4.06
0.069 - 0.160
0.58 ± 0.08
0.023 ± 0.003
2.68
TMS-SCE-2X-1K- 3/16- <color>
4.75
0.187
2.36
0.093
2.54 - 4.06
0.100 - 0.160
0.64 ± 0.08
0.025 ± 0.003
3.62
TMS-SCE-1K- 1/4-2.0 - <color>
6.35
0.250
2.11
0.083
2.31 - 5.46
0.091 - 0.215
0.58 ± 0.08
0.023 ± 0.003
3.51
TMS-SCE-2X-1K- 1/4- <color>
6.35
0.250
3.18
0.125
3.81 - 5.46
0.150 - 0.215
0.64 ± 0.08
0.025 ± 0.003
5.94
TMS-SCE-1K- 3/8-2.0 - <color>
9.53
0.375
3.18
0.125
3.47 - 8.12
0.137 - 0.320
0.61 ± 0.08
0.024 ± 0.003
5.04
TMS-SCE-2X-1K- 3/8- <color>
9.53
0.375
4.75
0.187
5.59 - 8.12
0.220 - 0.320
0.64 ± 0.08
0.025 ± 0.003
8.50
TMS-SCE-1K- 1/2-2.0 - <color>
12.70
0.500
4.22
0.166
4.64 - 10.79
0.183 - 0.425
0.61 ± 0.08
0.024 ± 0.003
6.81
TMS-SCE-2X-1K- 1/2- <color>
12.70
0.500
6.35
0.250
6.99 - 10.79
0.275 - 0.425
0.64 ± 0.08
0.025 ± 0.003
11.45
TMS-SCE-1K-- 3/4-2.0 - <color>
19.05
0.750
6.35
0.250
6.99 - 16.25
0.275 - 0.640
0.61 ± 0.08
0.024 ± 0.003
12.03
TMS-SCE-2X-1K- 3/4- <color>
19.05
0.750
9.53
0.375
10.16 - 16.25
0.400 - 0.640
0.76 ± 0.08
0.030 ± 0.003
20.63
TMS-SCE-1K-1-2.0 - <color>
25.40
1.000
8.46
0.333
9.29 - 21.59
0.366 - 0.850
0.64 ± 0.08
0.025 ± 0.003
15.35
TMS-SCE-1K-11/2-2.0 - <color>
38.10
1.500
19.05
0.750
20.95 - 33.02
0.825 - 1.300
0.51 ± 0.08
0.020 ± 0.003
27.51
TMS-SCE-1K-2-2.0 - <color>
50.80
2.000
25.40
1.000
27.94 - 44.95
1.100 - 1.750
0.64 ± 0.08
0.025 ± 0.003
47.27
TMS-SCE-1K-21/4-2.0 - <color>
57.15
2.250
19.05
0.750
22.32 - 50.80
0.880 - 2.000
0.76 ± 0.08
0.030 ± 0.003
42.06
Total width as supplied 90.18 mm (3.550 inches) including tape and carrier width.
Options
Prescoring
Perforated score to produce multiple markers from each sleeve.
Number of prescores
1 prescore
2 prescores
3 prescores
Code
S1
S2
S3
Package sizes
Standard
1K - 1000-piece packs
Nonstandard
Smaller and larger pack sizes are available. Please contact Tyco Electronics.
Colors
Standard
Yellow
White
Code
4
9
Nonstandard
Red
Pink
Orange
Green
Blue
Violet
Gray
Black
Code
22L
3567
80
Note: 3:1 products yellow and white meet the color requirements of MIL-STD-104 class 1. Otherwise colors are pastel for print contrast.
Ordering information:
Specify product name, pack size, sleeve size, prescore format, and color.
Ordering example:
TMS-SCE-1K-
1/8-2.0-S1-9 (scored once)
TMS-SCE-2X only available in white
SOG-ER33-3 BT-M
50mm
(nom )
SOG-ER32-3 BT-M
SOG-ER13-3 BT-M
D
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com