Electronic Components Datasheet Search
  English  ▼

X  

06181205 Datasheet(PDF) 46 Page - Tyco Electronics

Part # 06181205
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06181205 Datasheet(HTML) 46 Page - Tyco Electronics

Back Button 06181205 Datasheet HTML 42Page - Tyco Electronics 06181205 Datasheet HTML 43Page - Tyco Electronics 06181205 Datasheet HTML 44Page - Tyco Electronics 06181205 Datasheet HTML 45Page - Tyco Electronics 06181205 Datasheet HTML 46Page - Tyco Electronics 06181205 Datasheet HTML 47Page - Tyco Electronics 06181205 Datasheet HTML 48Page - Tyco Electronics 06181205 Datasheet HTML 49Page - Tyco Electronics 06181205 Datasheet HTML 50Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 85 page
background image
HPK Thermal transfer printable panel labels
46
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Performance Labels
46
Tyco Electronics HPK is a semi-rigid, heavy gauge polypropylene
film with a permanent acrylic adhesive, designed to permanently
identify control panel components and racks, as well as general
labeling applications that require a high performance heavy gauge
material. They offer excellent abrasion resistance, and adhere to
most smooth surfaces including bare and painted metal.
For reliable print performance and durability, use with Tyco
Electronics 1330-0607 ribbon.
Features and benefits
I Self-adhesive backing for quick and easy fixing
I Thermal transfer printable
I Recommended for indoor use
I Resistant to common fluids, lubricants and solvents
Temperature rating
Operating temperature range
–29°C to +80°C
–20°F to +176°F
Minimum recovery temperature
10°C
+50°F
Specifications/approvals
Tyco Electronics
TTDS- 008
Printer information
Tyco Electronics printer
T308S (thermal transfer)
Tyco Electronics ribbon
1330-0607-10 (thermal transfer)
HPK 02 WE 1 050
Part numbering system
Label width (mm)
Scoring (optional)
Color
Label height
Product family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com