Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 2 Page - Texas Instruments

Part # STD
Description  TPS62090EVM-063 Evaluation Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 2 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Introduction
www.ti.com
1
Introduction
The TPS62090 device family is a high-frequency synchronous step down converter optimized for small
solution size, high efficiency and is suitable for battery-powered applications. To maximize efficiency, the
converter operates in PWM mode with a nominal switching frequency of 2.8 MHz/1.4 MHz and
automatically enters Power Save Mode operation at light-load currents. When used in distributed power
supplies and point-of-load regulation, the device allows voltage tracking to other voltage rails and tolerates
capacitors ranging from 22 µF up to 100 µF. Using the DCS Control™ topology, the device achieves
excellent load transient performance and accurate output voltage regulation. The device is available in 3 x
3-mm, 16-pin package with thermal pad.
2
Considerations When Evaluating the TPS62090
The TPS62090 can be programmed for a switching frequency of 2.8 MHz/1.4 MHz by JP2. The higher
switching frequency reduces the ripple current and voltage. If the LC filter is adjusted, note that the
inductor minimum value is 1 µH for the 1.4-MHz setting and 0.47 µH for the 2.8-MHz setting. The EVM
was built with a 1-µH inductor and a 22-µF output capacitor. The integrated circuit (IC) has a two- stage
input current limit that sets the initial current limit to one third (approximately 1.55 A) of the normal peak
current limit of approximately 4.6 A, when the output is less than 0.6 V. Most system loads do not become
enabled or active until the output has reached 0.8 V, which is after the initial start-up current limit. If a low-
resistance load is used (less than approximately 1
Ω), the part can get stuck in short-circuit mode during
power up. Thus, very heavy loads may have to be applied after power up or the user can place an N-CH
logic level FET in series with the resistor (drain connected to ground side of resistor, source connected to
ground and gate tied to the drain). Once the output reaches approximately 1 V, the load turns on.
3
Test Summary
The TPS62090EVM-063 board requires an adjustable dc power supply with up to a 6-V output and
≥ 2.5
A for powering the input to the EVM and a resistive output load between 1 k
Ω and 0.6 Ω. Choose the
proper power rating for the load resistor, P = V
2 / R. Use at least 2x the calculated power dissipation. The
test setup connections and jumper settings selections are configured for a stand-alone evaluation, but can
be changed to interface with external hardware such as a system load and microcontroller.
3.1
Equipment
•
Adjustable dc power supply between 2.5 V and 6 V with adjustable current limit set to approximately
2.5 A
•
Load: System load, resistive load of 2
Ω, 3 W, and 25 Ω
•
Three Fluke 75 digital multimeters (DMM); (equivalent or better)
•
Oscilloscope, model TDS222 (equivalent or better)
3.2
Equipment and EVM Setup
Table 1 shows the setup input/output connections and configuration of the TPS62090 evaluation module.
The silk screen labels appear in parentheses.
Table 1. Setup I/O Connections and Configuration for TPS62090EVM Evaluation
Jack/Component (Silk Screen)
Connect or Adjustment to:
J1-1/2 (Vin)
P/S positive lead, preset to 4.5 Vdc; 2.5-A Current Limit
J2-1 (+ SNS);
Input Positive lead of DMM #1
J2-2 (– SNS);
Input Negative lead of DMM #1
J3-1/2 (GND)
P/S negative lead.
J5-1/2 (Vout)
Positive lead to system load or load resistance
J6-1 (+ SNS);
Output Positive lead of DMM #2
J6-2 (– SNS);
Output Negative lead of DMM #2
J7-1/2 (GND)
Negative lead to system load or load resistance
J4-1 (PG)
Positive lead of DMM #3
DCS Control is a trademark of Texas Instruments.
2
TPS62090EVM-063 Evaluation Module
SLVU670A – March 2012 – Revised May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com