Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 3 Page - Texas Instruments

Part # STD
Description  TPS62090EVM-063 Evaluation Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 3 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CH1-Vin
CH2-Vsw
CH3 -Vout
CH4 -Vpg
4.5
VDC
Output
Load
Input
P/S#1
www.ti.com
Test Summary
Table 1. Setup I/O Connections and Configuration for TPS62090EVM Evaluation (continued)
Jack/Component (Silk Screen)
Connect or Adjustment to:
J4-2 (GND)
Negative lead of DMM #3
JP1-1/2 (ON)
Apply shunt to ON for converter operation
JP1-2/3 (OFF)
JP2-1/2 (1.4 MHz)
Apply shunt to 1.4 MHz
JP1-2/3 (2.8 MHz)
Connect the meters, scope probes (see Figure 1), 2-
Ω output load, shunt jumpers, and input power supply
( Table 1); set the oscilloscope to 200 ns/div, positive trigger or HF trigger on CH2; CH1: ac-coupled, 50
mV/div; CH2: dc-coupled, 2 V/div; CH3: ac-coupled, 10 mV/div; CH4: dc-coupled, 10 V/div. Users can
replace resistive load with system load or decade load box to vary load (2-
Ω to 25-Ω load).
Figure 1. EVM Schematic and Evaluation Setup
3.3
Test Procedure
1. Set up the EVM is according to Table 1 and Figure 1, and preset the power supply to 4.5 Vdc at
approximately 2.5-A current limit.
2. Turn on input supply, and verify that the input voltage is approximately 4.5 Vdc (DMM#1) and the
output voltage is at approximately 1.8 Vdc (DMM#2).
3. Refer to Figure 2, and verify that the duty cycle is near 40%, input ripple is less than 50 mVpp
(ignoring switching spikes) and the output ripple is less than 10 mVpp. These waveforms were taken
with high-frequency probes (meaning that the ground lead was short (approximately 1 cm). This
reduces the high-frequency spikes that the ground loop on the probe picks up.
4. Vary input voltage between 2.6 V and 5.5 V, and observe the change in duty cycle and ripple
waveforms. Set Vin back to 4.5 Vdc.
5. Move JP2 From: 1.4 MHz to 2.8 MHz. Verify that the change is switching frequency as shown in
Figure 3. Return the JP2 shunt back to the 1.4-MHz setting.
6. Change the output load to 25
Ω, set CH3 to 50mV/div, and verify how the duty cycle changes into a
burst low-power mode as seen in Figure 4. At the end of the burst switching, the inductor’s current
goes to zero, becomes discontinuous, and rings with the FET and output capacitance (normal
operation at light loads). Set the load back to approximately 2
Ω.
7. Turn off the input supply. Set CH1 to dc coupled, 2 V/div; set CH3 to dc coupled, 1 V/div; CH4 to dc
coupled, 5 V/div; set oscilloscope timing to 500 µs/div, set scope trigger to positive or HF trigger on
CH1, and arm oscilloscope. Turn on laboratory supply. The laboratory supply used to capture Figure 5
3
SLVU670A – March 2012 – Revised May 2012
TPS62090EVM-063 Evaluation Module
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com