Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 10 Page - Texas Instruments

Part # STD
Description  TPS62090EVM-063 Evaluation Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 10 Page - Texas Instruments

Back Button STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments STD Datasheet HTML 10Page - Texas Instruments STD Datasheet HTML 11Page - Texas Instruments STD Datasheet HTML 12Page - Texas Instruments STD Datasheet HTML 13Page - Texas Instruments STD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Schematic, Printed-Circuit Board, and Bill of Materials
www.ti.com
Figure 11. Bottom Layer
5.3
Bill of Materials
Table 2. PWR063A Bill of Materials
Count
-001
RefDes
Value
Description
Size
Part Number
MFR
2
C1-2
22µF
Capacitor, Ceramic Chip, 10V, X5R, 10%
0805
STD
STD
1
C3
47µF
Capacitor, Tantalum, 8V, 35milliohm, 20%
3528(B)
T520B476M008ATE035 Kemet
2
C4-5
10nF
Capacitor, Ceramic, 25V, X5R, 10%
0603
Std
Std
0
C6-7
open
Capacitor, Ceramic
1210
Std
Std
0
C8
open
Capacitor, Ceramic
0805
Std
Std
0
C9
Capacitor, Ceramic, 50V, C0G, 5%
0603
Std
Std
7
J1-7
PEC02SAAN
Header, Male 2-pin, 100mil spacing
0.100 inch x 2
PEC02SAAN
Sullins
2
JP1-2
PEC03SAAN
Header, 3 pin, 100mil spacing
0.100 x 3
PEC03SAAN
Sullins
1
L1
1 µH
Inductor, Power, 4.5A, ±20%
0.157 x 0.157 inch
XFL4020-102ML
Coilcraft
1
R1
200k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R2
158k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R3
500k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R4
1.00M
Resistor, Chip, 1/16W, 1%
0603
Std
Std
0
TP1
STD
Test Point, O.032 Hole
0.032
Std
Std
1
U1
TPS62090RGT
IC, 3A High Efficient Synchronous Step Down
QFN-16
TPS62090RGT
TI
Converter
2
--
--
Shunt, 100-mil, Black
0.100
929950-00
3M
1
--
--
PCB
1.8 x 1.8 x 0.031 inch
PWR063
Any
1
--
--
Label
1.25 x 0.25 inch
THT-13-457-10
Brady
10
TPS62090EVM-063 Evaluation Module
SLVU670A – March 2012 – Revised May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com