Electronic Components Datasheet Search
  English  ▼

X  

5000 Datasheet(PDF) 47 Page - Texas Instruments

Part # 5000
Description  TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5000 Datasheet(HTML) 47 Page - Texas Instruments

Back Button 5000 Datasheet HTML 43Page - Texas Instruments 5000 Datasheet HTML 44Page - Texas Instruments 5000 Datasheet HTML 45Page - Texas Instruments 5000 Datasheet HTML 46Page - Texas Instruments 5000 Datasheet HTML 47Page - Texas Instruments 5000 Datasheet HTML 48Page - Texas Instruments 5000 Datasheet HTML 49Page - Texas Instruments 5000 Datasheet HTML 50Page - Texas Instruments 5000 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
www.ti.com
Appendix D TLV320AIC3104EVM Bill of Materials
Appendix D
The complete bill of materials for the modular TLV320AIC3104EVM is provided as a reference.
Table D-1. TLV320AIC3104EVM Bill of Materials
QTY
Value
Ref Des
Description
Manufacturer
Mfr Part Number
2
0
R7, R8
1/4W 5% Chip Resistor
Panasonic
ERJ-8GEY0R00V
8
100
R10–R17
1/10W 1% Chip Resistor
Panasonic
ERJ-3EKF1000V
2
2.2k
R5, R6
1/4W 5% Chip Resistor
Panasonic
ERJ-8GEYJ222V
3
2.7K
R1, R2, R3
1/10W 5% Chip Resistor
Panasonic
ERJ-3GEYJ272V
1
100K
R9
1/10W 5% Chip Resistor
Panasonic
ERJ-3GEYJ104V
1
NI
R4
Chip Resistor
8
47 nF
C29–C36
50V Ceramic chip capacitor,
±10%, X7R
TDK
C1608X7R1H473K
6
0.1
μF
C5, C6, C9–C12
16V Ceramic Chip Capacitor,
±10%, X7R
TDK
C1608X7R1C104K
6
0.1
μF
C7, C8, C18, C19, C27,
100V Ceramic Chip Capacitor,
±10%, X7R
TDK
C3216X7R2A104K
C28
7
10
μF
C1–C4, C13, C14, C20
6.3V Ceramic Chip Capacitor,
±10%, X5R
TDK
C3216X5R0J106K
6
47
μF
C21–C26
6.3V Ceramic Chip Capacitor,
±20%, X5R
TDK
C3225X5R0J476M
2
NI
C16, C17
Ceramic Chip Capacitor
1
NI
C15
Ceramic Chip Capacitor
1
U3
Audio Codec
Texas Instruments
TLV320AIC3104IRHB
1
U1
3.3V LDO Voltage Regulator
Texas Instruments
REG1117-3.3
1
U2
64K I2C EEPROM
MicroChip
24AA64-I/SN
2
J10, J11
Screw Terminal Block, 2 Position
On Shore Technology
ED555/2DS
5
J6, J7, J12–J14
Screw Terminal Block, 3 Position
On Shore Technology
ED555/3DS
2
J8, J9
3,5 mm Audio Jack, T-R-S, SMD
CUI Inc.
SJ1-3515-SMT
or alternate KobiConn
161-3335-E
4
J1A, J2A, J4A, J5A
20 Pin SMT Plug
Samtec
TSM-110-01-L-DV-P
4
J1B, J2B, J4B, J5B
20 pin SMT Socket
Samtec
SSW-110-22-F-D-VS-K
1
J3A
10 Pin SMT Plug
Samtec
TSM-105-01-L-DV-P
1
J3B
10 pin SMT Socket
Samtec
SSW-105-22-F-D-VS-K
1
N/A
TLV320AIC3104EVM PWB
Texas Instruments
6487967
10
JMP1–JMP4, JMP9,
2 Position Jumper, 0.1" spacing
Samtec
TSW-102-07-L-S
JMP11–JMP15
4
JMP5–JMP8
Bus Wire (18-22 Gauge)
2
JMP10, JMP16
3 Position Jumper, 0.1" spacing
Samtec
TSW-103-07-L-S
1
MK1
Omnidirectional Microphone Cartridge
Knowles Acoustics
MD9745APZ-F
alternate Knowles Acoustics
MD9745APA-1
1
SW1
4PDT Right Angle Switch
E-Switch
EG4208
31
Not
TP3–TP33
Miniature Test Point Terminal
Keystone Electronics
5000
Installed
2
TP1, TP2
Multipurpose Test Point Terminal
Keystone Electronics
5011
12
N/A
Header Shorting Block
Samtec
SNT-100-BK-T
ATTENTION: All components should be RoHS compliant. Some part number may be either leaded or RoHS. Verify purchased components are RoHS
compliant.
SLAU218 – August 2007
TLV320AIC3104EVM Bill of Materials
45
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com