Electronic Components Datasheet Search
  English  ▼

X  

5000 Datasheet(PDF) 56 Page - Texas Instruments

Part # 5000
Description  TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5000 Datasheet(HTML) 56 Page - Texas Instruments

Back Button 5000 Datasheet HTML 52Page - Texas Instruments 5000 Datasheet HTML 53Page - Texas Instruments 5000 Datasheet HTML 54Page - Texas Instruments 5000 Datasheet HTML 55Page - Texas Instruments 5000 Datasheet HTML 56Page - Texas Instruments 5000 Datasheet HTML 57Page - Texas Instruments 5000 Datasheet HTML 58Page - Texas Instruments 5000 Datasheet HTML 59Page - Texas Instruments 5000 Datasheet HTML 60Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
www.ti.com
G.2
GPIO Capability
G.3
Writing Scripts
GPIO Capability
The return packet should be
[0]
0x21
[1]
0xA0
[2]
0x02
[3]
0x05
[4]
0xAA
[5]
0x55
assuming that the values we wrote above starting at Register 5 were actually written to the device.
The USB-MODEVM has seven GPIO lines. Access them by specifying the interface to be 0x08, and then
using the standard format for packets—but addresses are unnecessary. The GPIO lines are mapped into
one byte (see Table G-3):
Table G-3. GPIO Pin Assignments
Bit 7
6
5
4
3
2
1
0
x
P3.5
P3.4
P3.3
P1.3
P1.2
P1.1
P1.0
Example: write P3.5 to a 1, set all others to 0:
[0]
0x18
--> write, GPIO
[1]
0x00
--> this value is ignored
[2]
0x01
--> length - ALWAYS a 1
[3]
0x00
--> this value is ignored
[4]
0x40
--> 01000000
The user may also read back from the GPIO to see the state of the pins. Let's say we just wrote the
previous example to the port pins.
Example: read the GPIO
[0]
0x08
--> read, GPIO
[1]
0x00
--> this value is ignored
[2]
0x01
--> length - ALWAYS a 1
[3]
0x00
--> this value is ignored
The return packet should be:
[0]
0x28
[1]
0x00
[2]
0x01
[3]
0x00
[4]
0x40
A script is simply a text file that contains data to send to the serial control buses. The scripting language is
quite simple, as is the parser for the language. Therefore, the program is not very forgiving about mistakes
made in the source script file, but the formatting of the file is simple. Consequently, mistakes should be
rare.
52
USB-MODEVM Protocol
SLAU218 – August 2007
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com