Electronic Components Datasheet Search
  English  ▼

X  

5000 Datasheet(PDF) 51 Page - Texas Instruments

Part # 5000
Description  TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5000 Datasheet(HTML) 51 Page - Texas Instruments

Back Button 5000 Datasheet HTML 47Page - Texas Instruments 5000 Datasheet HTML 48Page - Texas Instruments 5000 Datasheet HTML 49Page - Texas Instruments 5000 Datasheet HTML 50Page - Texas Instruments 5000 Datasheet HTML 51Page - Texas Instruments 5000 Datasheet HTML 52Page - Texas Instruments 5000 Datasheet HTML 53Page - Texas Instruments 5000 Datasheet HTML 54Page - Texas Instruments 5000 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
www.ti.com
Appendix F USB-MODEVM Bill of Materials
Appendix F
The complete bill of materials for USB-MODEVM Interface Board (included only in the
TLV320AIC3104EVM-PDK) is provided as a reference.
Table F-1. USB-MODEVM Bill of Materials
Designators
Description
Manufacturer
Mfr Part Number
R4
10
Ω 1/10W 5% Chip Resistor
Panasonic
ERJ-3GEYJ1300V
R10, R11
27.4
Ω 1/16W 1% Chip Resistor
Panasonic
ERJ-3EKF27R4V
R20
75
Ω 1/4W 1% Chip Resistor
Panasonic
ERJ-14NF75R0U
R19
220
Ω 1/10W 5% Chip Resistor
Panasonic
ERJ-3GEYJ221V
R14, R21, R22
390
Ω 1/10W 5% Chip Resistor
Panasonic
ERJ-3GEYJ391V
R13
649
Ω 1/16W 1% Chip Resistor
Panasonic
ERJ-3EKF6490V
R9
1.5K
Ω 1/10W 5% Chip Resistor
Panasonic
ERJ-3GEYJ1352V
R1–R3, R5–R8
2.7K
Ω 1/10W 5% Chip Resistor
Panasonic
ERJ-3GEYJ272V
R12
3.09K
Ω 1/16W 1% Chip Resistor
Panasonic
ERJ-3EKF3091V
R15, R16
10K
Ω 1/10W 5% Chip Resistor
Panasonic
ERJ-3GEYJ1303V
R17, R18
100k
Ω 1/10W 5%Chip Resistor
Panasonic
ERJ-3GEYJ1304V
RA1
10K
Ω 1/8W Octal Isolated Resistor Array
CTS Corporation
742C163103JTR
C18, C19
33pF 50V Ceramic Chip Capacitor,
±5%, NPO
TDK
C1608C0G1H330J
C13, C14
47pF 50V Ceramic Chip Capacitor,
±5%, NPO
TDK
C1608C0G1H470J
C20
100pF 50V Ceramic Chip Capacitor,
±5%, NPO
TDK
C1608C0G1H101J
C21
1000pF 50V Ceramic Chip Capacitor,
±5%, NPO
TDK
C1608C0G1H102J
C15
0.1
μF 16V Ceramic Chip Capacitor,
±10%, X7R
TDK
C1608X7R1C104K
C16, C17
0.33
μF 16V Ceramic Chip Capacitor,
±20%, Y5V
TDK
C1608X5R1C334K
C9–C12, C22–C28
1
μF 6.3V Ceramic Chip Capacitor,
±10%, X5R
TDK
C1608X5R0J1305K
C1–C8
10
μF 6.3V Ceramic Chip Capacitor,
±10%, X5R
TDK
C3216X5R0J1306K
D1
50V, 1A, Diode MELF SMD
Micro Commercial Components
DL4001
D2
Yellow Light Emitting Diode
Lumex
SML-LX0603YW-TR
D3– D7
Green Light Emitting Diode
Lumex
SML-LX0603GW-TR
D5
Red Light Emitting Diode
Lumex
SML-LX0603IW-TR
Q1, Q2
N-Channel MOSFET
Zetex
ZXMN6A07F
X1
6MHz Crystal SMD
Epson
MA-505 6.000M-C0
U8
USB Streaming Controller
Texas Instruments
TAS1020BPFB
U2
5V LDO Regulator
Texas Instruments
REG1117-5
U9
3.3V/1.8V Dual Output LDO Regulator
Texas Instruments
TPS767D318PWP
U3, U4
Quad, 3-State Buffers
Texas Instruments
SN74LVC125APW
U5–U7
Single IC Buffer Driver with Open Drain o/p
Texas Instruments
SN74LVC1G07DBVR
U10
Single 3-State Buffer
Texas Instruments
SN74LVC1G125DBVR
U1
Microchip
24LC64I/SN
64K 2-Wire Serial EEPROM I2C
USB-MODEVM PCB
Texas Instruments
6463995
TP1–TP6, TP9–TP11
Miniature test point terminal
Keystone Electronics
5000
TP7, TP8
Multipurpose test point terminal
Keystone Electronics
5011
J7
USB Type B Slave Connector Thru-Hole
Mill-Max
897-30-004-90-000000
J13, J2–J5, J8
2-position terminal block
On Shore Technology
ED555/2DS
J9
2.5mm power connector
CUI Stack
PJ-102B
J130
BNC connector, female, PC mount
AMP/Tyco
414305-1
J131A, J132A, J21A, J22A
20-pin SMT plug
Samtec
TSM-110-01-L-DV-P
J131B, J132B, J21B, J22B
20-pin SMT socket
Samtec
SSW-110-22-F-D-VS-K
J133A, J23A
10-pin SMT plug
Samtec
TSM-105-01-L-DV-P
J133B, J23B
10-pin SMT socket
Samtec
SSW-105-22-F-D-VS-K
J6
4-pin double row header (2x2) 0.1"
Samtec
TSW-102-07-L-D
J134, J135
12-pin double row header (2x6) 0.1"
Samtec
TSW-106-07-L-D
SLAU218 – August 2007
USB-MODEVM Bill of Materials
47
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com